Electronic Components Datasheet Search
  English  ▼

X  

EL4332CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4332CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL4332CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 10Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
EL4332
FN7163 Rev 2.00
Page 7 of 15
October 4, 2004
FIGURE 21. SLEW RATE vs SUPPLY VOLTAGE
FIGURE 22. SLEW RATE vs DIE TEMPERATURE
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 24. POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 25. POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
1.136W
JA =
110
°C
/W
SO
16
(0.1
50”
)
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
1.563W
JA =
80°
C/W
SO
16
(0.
150”
)
1.8
1.6
1.4
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com