Electronic Components Datasheet Search
  English  ▼

X  

EL4332CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL4332CSZ
Description  Triple 2:1 300MHz Mux-Amp AV = 2
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4332CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL4332CSZ Datasheet HTML 1Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4332CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN7163 Rev 2.00
Page 1 of 15
October 4, 2004
FN7163
Rev 2.00
October 4, 2004
EL4332
Triple 2:1 300MHz Mux-Amp AV = 2
DATASHEET
The EL4332 is a triple very high speed 2:1 Multiplexer-
Amplifier. It is intended primarily for component video
multiplexing and is especially suited for pixel switching. The
amplifiers have their gain set to 2 internally, which reduces
the need for many external components. The gain-of-2
facilitates driving back terminated cables. All three amplifiers
are switched simultaneously from their A to B inputs by the
TTL/CMOS compatible, common A/B control pin.
A -3dB bandwidth of 300MHz together with 3ns multiplexing
time enable the full performance of the fastest component
video systems to be realized.
The EL4332 runs from standard ±5V supplies, and is
available in the narrow 16-pin small outline package.
Pinout
Features
• 3ns A-B switching
• 300MHz bandwidth
• Fixed gain of 2, for cable driving
• > 650V/µs slew rate
• TTL/CMOS compatible switch
• Pb-free available
Applications
• RGB multiplexing
• Picture-in-picture
• Cable driving
• HDTV processing
• Switched gain amplifiers
• ADC input multiplexer
Demo Board
A demo PCB is available for this product.
EL4332
[16-PIN SO (0.150”)]
TOP VIEW
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL4332CS
16-Pin SO (0.150”)
-
MDP0027
EL4332CS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL4332CS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL4332CSZ
(Note)
16-Pin SO (0.150”)
(Pb-Free)
-
MDP0027
EL4332CSZ-T7
(Note)
16-Pin SO (0.150”)
(Pb-Free)
7”
MDP0027
EL4332CSZ-T13
(Note)
16-Pin SO (0.150”)
(Pb-Free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.


Similar Part No. - EL4332CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4332CSZ INTERSIL-EL4332CSZ Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
EL4332CSZ-T13 INTERSIL-EL4332CSZ-T13 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
EL4332CSZ-T7 INTERSIL-EL4332CSZ-T7 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
More results

Similar Description - EL4332CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4331C ELANTEC-EL4331C Datasheet
1Mb / 13P
Triple 2:1 Mux-Amp AV = 1
EL4332C ELANTEC-EL4332C Datasheet
1Mb / 17P
Triple 2:1 300 MHz Mux-Amp AV =2
logo
Intersil Corporation
EL4331 INTERSIL-EL4331 Datasheet
790Kb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
EL4332 INTERSIL-EL4332 Datasheet
653Kb / 15P
Triple 2:1 300MHz Mux-Amp AV = 2
October 4, 2004
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Renesas Technology Corp
EL4331 RENESAS-EL4331 Datasheet
1Mb / 10P
Triple 2:1 Mux-Amp AV = 1
May 12, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com