Electronic Components Datasheet Search
  English  ▼

X  

AT5556 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AT5556
Description  6-CHANNEL DSC MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5556 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AT5556 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AT5556
Preliminary Product Information
6-Channel DSC Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
5
04/12/10
Electrical Characteristic
(Ta=25 C
° , VCC=PVCC=3.0V, VM=2.5V,
Ω
5
7
4
3
2
1
.
=
=
=
=
L
L
L
L
R
R
R
R
,
Ω
5
6
5
=
=
L
L
R
R
)
Values
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Whole circuits
Circuit current at standby ICCST PS=L
-
0
10
A
µ
Circuit current1
ICC1 PS=H, IN1A1B~6A6B=L
-
1.5
3
mA
Circuit current2
ICC2
PS=H
, IN1A or IN1B or IN2A or
IN2B=H
-
2.65
4.7
mA
Circuit current3
ICC3
PS=H
, IN3A or IN3B or IN4A or
IN4B=H
-
2.65
4.7
mA
Circuit current4
ICC4
PS=H, IN5A or IN5B or IN6A or
IN6B=H
-
2.65
4.7
mA
Circuit current5
ICC5
PS=H,IN1A=IN2A=IN3A=IN4A
=IN5A=IN6A=H or
IN1B=IN2B=IN3B=IN4B=IN5B
=IN6B=H
-
4.90
5.5
mA
Power save
H level input voltage
VPSH
2.0
-
-
V
L level input voltage
VPSL
-
-
0.8
V
H level input voltage
IPSH PS=3V
-
5
20
A
µ
L level input voltage
IPSL PS=0V
-1
0
-
A
µ
Pull-down resistance
RIN
-
1.5
-
Ω
M
Control input
H level input voltage
VINH
2.0
-
-
V
L level input voltage
VINL
-
-
0.8
V
H level input voltage
IINH VIN=3V
-
5
20
A
µ
L level input voltage
IINL VIN=0V
-1
0
-
A
µ
Pull-down resistance
RIN
-
1.5
-
Ω
M
Charge Pump
Charge pump voltage
VCP PVCC=5V,VG=PVCC*2
9
10
-
V
UVLO
UVLO voltage
VUVLO
1.8
2.0
2.2
V
Vref
VREF output voltage
VREF Iout=0 ~ 1mA
0.88 0.90 0.92
V
Constant voltage driver1,2(For AF/STP)
Output ON Resistance
RON Io=+-200mA,
Sum of on-resistance
1.20 1.50
Ω
Output constant voltage
VO1 VC1=0.3V, Rload=7.5
Ω
1.40 1.50 1.60
V
Constant voltage driver3,4(For ZOOM)
Output ON Resistance
RON Io=+-200mA,
Sum of on-resistance
1.20 1.50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com