Electronic Components Datasheet Search
  English  ▼

X  

AT5556 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AT5556
Description  6-CHANNEL DSC MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5556 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AT5556 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AT5556
Preliminary Product Information
6-Channel DSC Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
9
04/12/10
2.5
3
3.5
4
4.5
5
5.5
0.8
1
1.2
1.4
1.6
1.8
2
VCC (V)
VCC v.s. Rds(on)(CH5&CH6)
VCC=PVCC=VM,VG=PVCC*2,Io=300mA
VCC (V)
2.5
3
3.5
4
4.5
5
5.5
0.8
1
1.2
1.4
1.6
1.8
2
VCC v.s. Rds(on)(CH5&CH6)
VCC=PVCC=VM,VG=PVCC*3,Io=300mA
VCC=PVCC=VM=5V, VG=PVCC x 2,Vo1=4V(CH1)
Pin=VCC*(ICC+IPVCC+IM), Pout=Vo*Io
50
100
150
200
250
300
350
400
450
500
50
55
60
65
70
75
80
85
90
Io1 (mA)
Io1 v.s. efficiency
Io1=Io2 (mA)
Io1,Io2 v.s. efficiency
VCC=PVCC=VM=5V, VG=PVCC*2,Vo=Vo1=Vo2=4V(CH1,Ch2)
Pin=VCC*(ICC+IPVCC+IM), Pout=Vo*Io=Vo*(Io1+Io2)
50
100
150
200
250
300
350
400
450
500
50
55
60
65
70
75
80
85
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com