Electronic Components Datasheet Search
  English  ▼

X  

AT5556 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AT5556
Description  6-CHANNEL DSC MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AT5556 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AT5556 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT5556 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AT5556
Preliminary Product Information
6-Channel DSC Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
8
04/12/10
Typical Characteristics
2.5
3
3.5
4
4.5
5
5.5
0.85
0.86
0.87
0.88
0.89
0.9
0.91
0.92
0.93
0.94
0.95
VCC (V)
VCC v.s. Vref
VCC=PVCC=VM=5V,T=25'C
-20
-10
0
10
20
30
40
50
60
70
80
0.85
0.86
0.87
0.88
0.89
0.9
0.91
0.92
0.93
0.94
0.95
Tempature ('C)
Temperature v.s. Vref
VCC=PVCC=VM=5V
2.5
3
3.5
4
4.5
5
5.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VCC (V)
VCC v.s. I(I=ICC+IPVCC)
VG=PVCC*2,INxA=INxB=L
2.5
3
3.5
4
4.5
5
5.5
5
10
15
20
25
30
VCC (V)
VCC v.s. I(I=ICC+IPVCC)
VG=PVCC*3,INxA=INxB=L
2.5
3
3.5
4
4.5
5
5.5
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
VCC (V)
VCC v.s. Rds(on) (CH1~CH4)
VCC=PVCC=VM,VG=PVCC*2,Io=200mA
2.5
3
3.5
4
4.5
5
5.5
1.2
1.3
1.4
1.5
1.6
1.7
1.8
VCC (V)
VCC v.s. Rds(on)(CH1~CH4)
VCC=PVCC=VM,VG=PVCC*3,Io=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com