Electronic Components Datasheet Search
  English  ▼

X  

EL5164 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5164
Description  600MHz Current Feedback Amplifiers with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5164 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5164 Datasheet HTML 1Page - Renesas Technology Corp EL5164 Datasheet HTML 2Page - Renesas Technology Corp EL5164 Datasheet HTML 3Page - Renesas Technology Corp EL5164 Datasheet HTML 4Page - Renesas Technology Corp EL5164 Datasheet HTML 5Page - Renesas Technology Corp EL5164 Datasheet HTML 6Page - Renesas Technology Corp EL5164 Datasheet HTML 7Page - Renesas Technology Corp EL5164 Datasheet HTML 8Page - Renesas Technology Corp EL5164 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN7389 Rev 9.00
Page 1 of 17
January 30, 2014
FN7389
Rev 9.00
January 30, 2014
EL5164, EL5165, EL5364
600MHz Current Feedback Amplifiers with Enable
DATASHEET
The EL5164, EL5165, and EL5364 are current feedback
amplifiers with a very high bandwidth of 600MHz. This makes
these amplifiers ideal for today’s high speed video and monitor
applications.
With a supply current of just 3.5mA per amplifier and the
ability to run from a single supply voltage from 5V to 12V,
these amplifiers are also ideal for handheld, portable or
battery-powered equipment.
The EL5164 and EL5364 also incorporate an enable and
disable function to reduce the supply current to 14µA typical
per amplifier. Allowing the CE pin to float, or applying a low
logic level, enables the amplifier.
The EL5165 is offered in the 5 Ld SOT-23 package, EL5164 is
available in the 6 Ld SOT-23 and the industry-standard 8 Ld SOIC
packages, and the EL5364 in a 16 Ld SOIC and 16 Ld QSOP
packages. All operate over the industrial temperature range of
-40°C to +85°C.
Features
• 600MHz -3dB bandwidth
• 4700V/µs slew rate
• 3.5mA supply current
• Single and dual supply operation, from 5V to 12V supply span
• Fast enable/disable (EL5164 and EL5364 only)
• Available in SOT-23 packages
• High speed, 1.4GHz product available (EL5166 and EL5167)
• 500MHz products available in Single (EL5162, EL5163), Dual
(EL5262, EL5263) and Triple (EL5362)
• Pb-Free (RoHS compliant)
Applications
• Video amplifiers
•Cable drivers
•RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pin Configurations
EL5164
(8 LD SOIC)
TOP VIEW
EL5164
(6 LD SOT-23)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
-
+
OUT
VS-
IN+
VS+
IN-
5CE


Similar Part No. - EL5164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
600MHz Current Feedback Amplifiers with Enable
June 22, 2004
EL5164 INTERSIL-EL5164 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5164IS INTERSIL-EL5164IS Datasheet
411Kb / 12P
600MHz Current Feedback Amplifiers with Enable
June 22, 2004
EL5164IS INTERSIL-EL5164IS Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
More results

Similar Description - EL5164

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
600MHz Current Feedback Amplifiers with Enable
June 22, 2004
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
600MHz Current Feedback Amplifier with Enable
August 3, 2005
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
Dual 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
January 22, 2004
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
Triple 600MHz Current Feedback Amplifier with Enable
March 9, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
Dual 600MHz Current Feedback Amplifier with Enable
June 28, 2007
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
600MHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com