Electronic Components Datasheet Search
  English  ▼

X  

EL5164 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL5164
Description  600MHz Current Feedback Amplifiers with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5164 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL5164 Datasheet HTML 7Page - Renesas Technology Corp EL5164 Datasheet HTML 8Page - Renesas Technology Corp EL5164 Datasheet HTML 9Page - Renesas Technology Corp EL5164 Datasheet HTML 10Page - Renesas Technology Corp EL5164 Datasheet HTML 11Page - Renesas Technology Corp EL5164 Datasheet HTML 12Page - Renesas Technology Corp EL5164 Datasheet HTML 13Page - Renesas Technology Corp EL5164 Datasheet HTML 14Page - Renesas Technology Corp EL5164 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EL5164, EL5165, EL5364
FN7389 Rev 9.00
Page 11 of 17
January 30, 2014
Output Drive Capability
In spite of their low 3.5mA of supply current, the EL5164, EL5165,
and EL5364 are capable of providing a minimum of ±100mA of
output current. With a minimum of ±100mA of output drive, the
EL5164, EL5165, and EL5364 are capable of driving 50
 loads to
both rails, making it an excellent choice for driving isolation
transformers in telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will decouple
the EL5164, EL5165, and EL5364 from the cable and allow
extensive capacitive drive. However, other applications may have
high capacitive loads without a back-termination resistor. In
these applications, a small resistor (usually between 5
 and
50
) can be placed in series with the output to eliminate most
peaking. The gain resistor (RG) can then be chosen to make up
for any gain loss which may be created by this additional resistor
at the output. In many cases it is also possible to simply increase
the value of the feedback resistor (RF) to reduce the peaking.
Current Limiting
The EL5164, EL5165, and EL5364 have no internal output
current-limiting circuitry. If the output is shorted, it is possible to
exceed the Absolute Maximum Rating for output current or
power dissipation, potentially resulting in the destruction of the
device.
Power Dissipation
With the high output drive capability of the EL5164, EL5165, and
EL5364, it is possible to exceed the +125°C Absolute Maximum
junction temperature under certain very high load current
conditions. Generally speaking when RL falls below about 25, it
is important to calculate the maximum junction temperature
(TJMAX) for the application, to determine if power supply voltages,
load conditions, or package type need to be modified to remain
in the safe operating area. These parameters are calculated in
Equation 1:
where:
•TMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
• n = Number of amplifiers in the package
•PDMAX = Maximum power dissipation of each amplifier in the
package
PDMAX for each amplifier can be calculated in Equation 2:
where:
•VS = Supply voltage
•ISMAX = Maximum supply current of 4.2mA
•VOUTMAX = Maximum output voltage (required)
•RL = Load resistance
Typical Application Circuits
TJMAX
TMAX JA nPDMAX

+
=
(EQ. 1)
PDMAX
2
VS ISMAX
VS
VOUTMAX
VOUTMAX
RL
----------------------------
–
+
=
(EQ. 2)
FIGURE 25. FAST-SETTLING PRECISION AMPLIFIER
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
375
5
5
375
375
VOUT
VIN
0.1µF
0.1µF
+5V
-5V
FIGURE 24. INVERTING 200mA OUTPUT CURRENT DISTRIBUTION
AMPLIFIER
IN+
IN-
VS+
VS-
OUT
IN+
IN-
VS+
VS-
OUT
0.1µF
+5V
0.1µF
-5V
0.1µF
0.1µF
375
375
375
375
VOUT
VIN
+5V
-5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com