Electronic Components Datasheet Search
  English  ▼

X  

EL5164 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5164
Description  600MHz Current Feedback Amplifiers with Enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5164 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5164 Datasheet HTML 1Page - Renesas Technology Corp EL5164 Datasheet HTML 2Page - Renesas Technology Corp EL5164 Datasheet HTML 3Page - Renesas Technology Corp EL5164 Datasheet HTML 4Page - Renesas Technology Corp EL5164 Datasheet HTML 5Page - Renesas Technology Corp EL5164 Datasheet HTML 6Page - Renesas Technology Corp EL5164 Datasheet HTML 7Page - Renesas Technology Corp EL5164 Datasheet HTML 8Page - Renesas Technology Corp EL5164 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
EL5164, EL5165, EL5364
FN7389 Rev 9.00
Page 2 of 17
January 30, 2014
EL5165
(5 LD SOT-23)
TOP VIEW
EL5364
(16 LD SOIC, QSOP)
TOP VIEW
Pin Configurations
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
EL5164ISZ
5164ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5164ISZ-T7 (Note 1)
5164ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5164ISZ-T13 (Note 1)
5164ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5164IWZ-T7 (Note 1)
BAMA (Note 4)
6 Ld SOT-23
P6.064A
EL5164IWZ-T7A (Note 1)
BAMA (Note 4)
6 Ld SOT-23
P6.064A
EL5165IWZ-T7 (Note 1)
BANA (Note 4)
5 Ld SOT-23
P5.064A
EL5165IWZ-T7A (Note 1)
BANA (Note 4)
5 Ld SOT-23
P5.064A
EL5364ISZ
EL5364ISZ
16 Ld SOIC (150 mil)
MDP0027
EL5364ISZ-T7 (Note 1)
EL5364ISZ
16 Ld SOIC (150 mil)
MDP0027
EL5364ISZ-T13 (Note 1)
EL5364ISZ
16 Ld SOIC (150 mil)
MDP0027
EL5364IUZ
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
EL5364IUZ-T7 (Note 1)
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
EL5364IUZ-T13 (Note 1)
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
EL5364IUZA
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
EL5364IUZA-T7 (Note 1)
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
EL5364IUZA-T13 (Note 1)
5364IUZ
16 Ld QSOP (150 mil)
MDP0040
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for EL5164, EL5165, EL5364. For more information on MSL, please see
tech brief TB363.
4. The part marking is located on the bottom of the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com