Electronic Components Datasheet Search
  English  ▼

X  

930 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 930
Description  Metallized Polypropylene Capacitors for DC Filtering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  930 Datasheet HTML 1Page - Cornell Dubilier Electronics 930 Datasheet HTML 2Page - Cornell Dubilier Electronics 930 Datasheet HTML 3Page - Cornell Dubilier Electronics 930 Datasheet HTML 4Page - Cornell Dubilier Electronics 930 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ratings
ESR
20-100 kHz
(mΩ)
Max. Ripple Current (A) 20 kHz
Cap.
(µF)
Catalog
Part Number
D
mm
L
mm
dV/dt
(V/μs)
Case Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
100 Vdc (70 Vac)
.22
930C1P22K–F
7.0
19.0
---
25
2.3
2.3
2.3
2.3
2.3
1.8
1.0
.27
930C1P27K–F
7.6
19.0
---
25
2.6
2.6
2.6
2.6
2.4
1.9
1.1
.33
930C1P33K–F
8.2
19.0
---
25
2.8
2.8
2.8
2.8
2.6
2.2
1.2
.39
930C1P39K–F
8.8
19.0
---
25
3.1
3.1
3.1
3.1
2.9
2.3
1.3
.47
930C1P47K–F
9.5
19.0
37
25
3.7
3.4
3.1
2.8
2.5
2.0
1.4
.56
930C1P56K–F
8.2
25.4
35
14
3.9
3.6
3.3
2.9
2.6
2.1
1.5
.68
930C1P68K–F
8.8
25.4
33
14
4.1
3.8
3.5
3.1
2.8
2.2
1.6
.82
930C1P82K–F
9.6
25.4
31
14
4.3
4.0
3.6
3.2
2.9
2.3
1.7
1.00
930C1W1K–F
10.7
25.4
26
14
5.5
5.1
4.7
4.2
3.6
2.8
2.6
1.20
930C1W1P2K–F
11.5
25.4
24
14
5.7
5.3
4.9
4.4
3.8
3.0
2.8
1.50
930C1W1P5K–F
12.7
25.4
20
14
6.1
5.5
5.1
4.6
4.0
3.2
3.1
1.80
930C1W1P8K–F
13.7
25.4
19
14
6.3
5.7
5.3
4.8
4.1
3.4
3.0
2.00
930C1W2K–F
12.3
31.7
18
10
6.5
6.0
5.5
4.9
4.2
3.5
3.2
2.20
930C1W2P2K–F
12.9
31.7
18
10
6.8
6.3
5.7
2.1
4.4
3.6
3.3
2.70
930C1W2P7K–F
14.1
31.7
17
10
7.1
6.5
6.0
5.3
4.6
3.7
3.4
3.00
930C1W3K–F
14.8
31.7
16
10
7.3
6.7
6.2
5.5
4.8
3.9
3.5
3.30
930C1W3P3K–F
15.4
31.7
16
10
7.4
6.8
6.4
5.6
4.9
4.0
3.6
3.90
930C1W3P9K–F
16.6
31.7
15
10
7.6
6.9
6.6
5.8
5.1
4.1
3.7
4.00
930C1W4K–F
13.6
44.4
15
6
7.8
7.0
6.7
5.9
5.2
4.2
3.8
4.70
930C1W4P7K–F
14.7
44.4
15
6
8.1
7.4
6.8
6.0
5.3
4.3
3.9
5.00
930C1W5K–F
15.1
44.4
14
6
8.3
7.6
7.0
6.2
5.4
4.4
4.0
5.60
930C1W5P6K–F
15.8
44.4
14
6
8.4
7.7
7.1
6.4
5.5
4.5
4.1
6.00
930C1W6K–F
16.4
44.4
14
6
8.5
7.8
7.2
6.5
5.6
4.6
4.2
6.80
930C1W6P8K–F
17.3
44.4
13
6
8.5
8.0
7.4
6.7
5.7
4.7
4.3
8.00
930C1W8K–F
18.7
44.4
13
6
8.6
8.3
7.7
6.8
6.0
4.8
4.4
8.20
930C1W8P2K–F
18.9
44.4
13
6
8.8
8.6
8.0
7.0
6.1
4.9
4.5
10.00
930C1W10K–F
20.7
44.4
12
6
9.0
9.0
8.5
7.6
6.6
5.4
4.9
250 Vdc (175 Vac)
.10
930C2P1K–F
8.0
19.0
---
37
1.5
1.5
1.5
1.5
1.5
1.5
.09
.12
930C2P12K–F
8.0
19.0
---
37
1.9
1.9
1.9
1.9
1.9
1.7
1.0
.15
930C2P15K–F
8.5
19.0
---
37
2.3
2.3
2.3
2.3
2.3
1.9
1.1
.18
930C2P18K–F
9.0
19.0
---
37
2.7
2.7
2.7
2.7
2.5
2.0
1.2
930
C
1
P
22
K
–F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
Tolerance
Series
Code
Voltage Code
Decimal Point
Figures (µF)
Code
930
C = Tinned Copper Wire
1 = 100 Vdc
S = 0.0
K = ±10%
2 = 250 Vdc
P = 0.
J = ±5%
4 = 400 Vdc
W = No decimal
6 = 630 Vdc
point
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
Type 930C, Metallized Polypropylene Capacitors for DC Filtering
Low Dissipation, High Voltage/High Frequency Switching Power Supplies
NOTE: Other ratings, sizes and performance specifications are available. Contact us.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com