Electronic Components Datasheet Search
  English  ▼

X  

930 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 930
Description  Metallized Polypropylene Capacitors for DC Filtering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  930 Datasheet HTML 1Page - Cornell Dubilier Electronics 930 Datasheet HTML 2Page - Cornell Dubilier Electronics 930 Datasheet HTML 3Page - Cornell Dubilier Electronics 930 Datasheet HTML 4Page - Cornell Dubilier Electronics 930 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ESR
20-100 kHz
(mΩ)
Max. Ripple Current (A) 20 kHz
Cap.
(µF)
Catalog
Part Number
D
mm
L
mm
dV/dt
(V/μs)
Case Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
400 Vdc (250 Vac)
.68
930C4P68K–F
14.0
32.0
30
20
5.7
5.7
5.5
4.8
4.3
3.5
2.4
.82
930C4P82K–F
15.2
32.0
28
20
5.7
5.7
5.6
5.3
4.5
3.7
2.6
1.00
930C4W1K–F
16.6
32.0
27
20
5.7
5.7
5.7
5.7
5.7
4.7
4.3
1.20
930C4W1P2K–F
18.1
32.0
26
20
6.3
6.2
6.0
5.9
5.8
4.9
4.5
1.50
930C4W1P5K–F
18.0
44.4
25
13
7.0
6.9
6.7
6.6
6.5
5.2
4.7
1.80
930C4W1P8K–F
18.2
44.4
23
13
8.0
7.9
7.8
7.7
6.8
5.5
5.0
2.00
930C4W2K–F
19.1
44.4
21
13
9.0
9.0
9.0
8.0
7.0
5.7
5.2
2.20
930C4W2P2K–F
21.0
44.4
20
13
9.0
9.0
9.0
8.3
7.4
5.9
5.4
2.70
930C4W2P7K–F
22.0
44.4
19
13
9.0
9.0
9.0
8.6
7.6
6.0
5.6
3.00
930C4W3K–F
23.1
44.4
17
13
9.0
9.0
9.0
9.0
7.9
6.4
5.9
3.30
930C4W3P3K–F
24.1
44.4
16
13
9.0
9.0
9.0
9.0
8.1
6.6
6.3
3.90
930C4W3P9K–F
26.2
44.4
15
13
9.0
9.0
9.0
9.0
8.3
6.8
6.5
630 Vdc (250 Vac)
.022
930C6S22K–F
8.0
19.0
---
74
0.8
0.8
0.8
0.8
0.8
0.8
0.8
.027
930C6S27K–F
8.0
19.0
---
74
1.0
1.0
1.0
1.0
1.0
1.0
0.9
.033
930C6S33K–F
8.5
19.0
---
74
1.2
1.2
1.2
1.2
1.2
1.2
1.0
.039
930C6S39K–F
9.1
19.0
---
74
1.4
1.4
1.4
1.4
1.4
1.4
1.0
.047
930C6S47K–F
9.9
19.0
---
74
1.7
1.7
1.7
1.7
1.7
1.6
1.1
.056
930C6S56K–F
10.6
19.0
---
74
2.1
2.1
2.1
2.1
2.1
1.7
1.2
.068
930C6S68K–F
9.0
25.4
---
43
1.3
1.3
1.3
1.3
1.3
1.3
1.3
.082
930C6S82K–F
9.5
25.4
---
43
1.6
1.6
1.6
1.6
1.6
1.6
1.4
.10
930C6P1K–F
11.0
25.4
---
43
1.9
1.9
1.9
1.9
1.9
1.9
1.6
.12
930C6P12K–F
11.2
25.4
---
43
2.3
2.3
2.3
2.3
2.3
2.3
1.8
.15
930C6P15K–F
13.0
32.0
---
30
2.9
2.9
2.9
2.9
2.9
2.6
1.9
.18
930C6P18K–F
13.7
32.0
---
30
3.5
3.5
3.5
3.5
3.5
2.7
1.9
.22
930C6P22K–F
12.6
32.0
---
30
2.8
2.8
2.8
2.8
2.8
2.8
2.3
.27
930C6P27K–F
13.8
32.0
---
30
3.5
3.5
3.5
3.5
3.5
3.3
2.3
.33
930C6P33K–F
15.1
32.0
---
30
4.3
4.3
4.3
4.3
4.3
3.5
2.4
.39
930C6P39K–F
16.2
32.0
---
30
5.0
5.0
5.0
5.0
4.6
3.7
2.5
.47
930C6P47K–F
17.7
37.0
28
20
6.8
6.3
5.8
5.2
4.5
3.6
2.6
.56
930C6P56K–F
15.4
44.4
26
19
7.4
6.9
6.3
5.6
4.8
4.0
2.8
.68
930C6P68K–F
18.0
44.4
25
19
7.8
7.2
6.6
5.9
5.1
4.2
2.9
.82
930C6P82K–F
18.4
44.4
22
19
8.1
7.5
6.9
6.2
5.3
4.3
3.1
1.00
930C6W1K–F
20.2
47.0
18
19
8.6
7.9
7.3
6.5
5.6
4.6
3.6
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 930C, Metallized Polypropylene Capacitors for DC Filtering
Low Dissipation, High Voltage/High Frequency Switching Power Supplies



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com