Electronic Components Datasheet Search
  English  ▼

X  

930 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 930
Description  Metallized Polypropylene Capacitors for DC Filtering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

930 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  930 Datasheet HTML 1Page - Cornell Dubilier Electronics 930 Datasheet HTML 2Page - Cornell Dubilier Electronics 930 Datasheet HTML 3Page - Cornell Dubilier Electronics 930 Datasheet HTML 4Page - Cornell Dubilier Electronics 930 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESR
20-100 kHz
(mΩ)
Max. Ripple Current (A) 20 kHz
Cap.
(µF)
Catalog
Part Number
D
mm
L
mm
dV/dt
(V/μs)
Case Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
250 Vdc (175 Vac)
.22
930C2P22K–F
8.5
25.4
---
21
1.9
1.9
1.9
1.9
1.9
1.9
1.3
.27
930C2P27K–F
8.5
25.4
---
21
2.4
2.4
2.4
2.4
2.4
2.2
1.4
.33
930C2P33K–F
9.2
25.4
---
21
2.9
2.9
2.9
2.9
2.9
2.3
1.5
.39
930C2P39K–F
9.9
25.4
---
21
3.4
3.4
3.4
3.2
2.9
2.3
1.6
.47
930C2P47K–F
10.7
25.4
35
21
3.8
3.7
3.6
3.4
2.9
2.4
1.7
.56
930C2P56K–F
11.8
25.4
33
21
3.9
3.8
3.7
3.5
3.1
2.5
1.8
.68
930C2P68K–F
12.0
31.7
32
15
4.0
3.9
3.8
3.7
3.2
2.6
1.9
.82
930C2P82K–F
12.0
31.7
31
15
4.2
4.1
4.0
3.9
3.4
2.8
2.0
1.00
930C2W1K–F
13.0
32.0
28
15
4.4
4.4
4.4
4.4
4.3
3.5
3.2
1.20
930C2W1P2K–F
14.1
32.0
27
15
4.7
4.6
4.5
5.0
4.5
3.7
3.3
1.50
930C2W1P5K–F
15.6
32.0
26
15
5.1
5.0
4.9
4.4
4.7
3.9
3.5
1.80
930C2W1P8K–F
16.9
31.7
25
15
5.9
5.8
5.7
5.7
5.0
4.1
3.7
2.00
930C2W2K–F
17.8
31.7
21
15
7.2
7.2
6.8
6.0
5.2
4.3
3.9
2.20
930C2W2P2K–F
16.5
44.4
20
9.0
8.4
7.5
7.0
6.3
5.4
4.5
4.1
2.70
930C2W2P7K–F
17.0
44.4
19
9.0
8.6
7.8
7.3
6.6
5.7
4.7
4.3
3.00
930C2W3K–F
17.8
44.4
18
9.0
9.0
8.3
7.6
6.8
5.9
4.8
4.4
3.30
930C2W3P3K–F
18.6
44.4
18
9.0
9.0
8.4
7.8
7.0
6.0
4.9
4.5
3.90
930C2W3P9K–F
20.2
44.4
17
9.0
9.0
8.5
8.0
7.2
6.2
5
4.6
4.00
930C2W4K–F
20.4
44.4
16
9.0
9.0
8.5
8.2
7.4
6.3
5.1
4.7
4.70
930C2W4P7K–F
22.0
44.4
16
9.0
9.0
8.8
8.5
7.7
6.6
5.3
4.9
5.00
930C2W5K–F
22.6
44.4
15
9.0
9.0
9.0
8.8
7.9
6.8
5.6
5.1
5.60
930C2W5P6K–F
23.9
44.4
15
9.0
9.0
9.0
8.9
8.0
7.0
5.8
5.3
6.00
930C2W6K–F
24.7
44.4
15
9.0
9.0
9.0
9.0
8.2
7.2
5.9
5.5
6.80
930C2W6P8K–F
22.4
57.1
15
9.0
9.0
9.0
9.0
8.4
7.4
6.0
5.6
8.00
930C2W8K–F
24.2
57.1
14
9.0
9.0
9.0
9.0
8.7
7.8
6.3
5.8
8.20
930C2W8P2K–F
24.5
57.1
14
9.0
9.0
9.0
9.0
8.8
7.9
6.4
5.9
10.00
930C2W10K–F
26.9
57.1
13
9.0
9.0
9.0
9.0
9.0
8.3
6.8
6.2
400 Vdc (250 Vac)
.047
930C4S47K–F
8.0
19.0
---
49
1.0
1.0
1.0
1.0
1.0
1.0
0.9
.056
930C4S56K–F
8.0
19.0
---
49
1.1
1.1
1.1
1.1
1.1
1.1
0.9
.068
930C4S68K–F
8.0
19.0
---
49
1.4
1.4
1.4
1.4
1.4
1.4
1.0
.082
930C4S82K–F
8.1
19.0
---
49
1.7
1.7
1.7
1.7
1.7
1.6
1.1
.10
930C4P1K–F
8.8
19.0
---
49
2.0
2.0
2.0
2.0
2.0
1.9
1.3
.12
930C4P12K–F
7.6
25.4
---
28
1.4
1.4
1.4
1.4
1.4
1.4
1.4
.15
930C4P15K–F
8.5
25.4
---
28
1.7
1.7
1.7
1.7
1.7
1.7
1.6
.18
930C4P18K–F
9.0
25.4
---
28
2.1
2.1
2.1
2.1
2.1
2.1
1.7
.22
930C4P22K–F
9.8
25.4
---
28
2.6
2.6
2.6
2.6
2.6
2.5
1.8
.27
930C4P27K–F
10.7
25.4
---
28
3.1
3.1
3.1
3.1
3.1
2.7
1.9
.33
930C4P33K–F
11.9
25.4
---
28
3.8
3.8
3.8
3.8
3.5
2.9
2.0
.39
930C4P39K–F
12.8
25.4
---
28
4.1
4.1
4.1
4.1
3.7
3.1
2.1
.47
930C4P47K–F
12.0
32.0
32
20
5.7
5.5
5.0
4.4
3.8
3.2
2.2
.56
930C4P56K–F
12.8
32.0
31
20
5.7
5.7
5.3
4.4
4.1
3.3
2.3
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 930C, Metallized Polypropylene Capacitors for DC Filtering
Low Dissipation, High Voltage/High Frequency Switching Power Supplies
ESR
20-100 kHz
(mΩ)
Max. Ripple Current (A) 20 kHz
Cap.
(µF)
Catalog
Part Number
D
mm
L
mm
dV/dt
(V/μs)
Case Temperature
25 ºC
35 ºC
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
100 Vdc (70 Vac)
.22
930C1P22K–F
7.0
19.0
---
25
2.3
2.3
2.3
2.3
2.3
1.8
1.0
.27
930C1P27K–F
7.6
19.0
---
25
2.6
2.6
2.6
2.6
2.4
1.9
1.1
.33
930C1P33K–F
8.2
19.0
---
25
2.8
2.8
2.8
2.8
2.6
2.2
1.2
.39
930C1P39K–F
8.8
19.0
---
25
3.1
3.1
3.1
3.1
2.9
2.3
1.3
.47
930C1P47K–F
9.5
19.0
37
25
3.7
3.4
3.1
2.8
2.5
2.0
1.4
.56
930C1P56K–F
8.2
25.4
35
14
3.9
3.6
3.3
2.9
2.6
2.1
1.5
.68
930C1P68K–F
8.8
25.4
33
14
4.1
3.8
3.5
3.1
2.8
2.2
1.6
.82
930C1P82K–F
9.6
25.4
31
14
4.3
4.0
3.6
3.2
2.9
2.3
1.7
1.00
930C1W1K–F
10.7
25.4
26
14
5.5
5.1
4.7
4.2
3.6
2.8
2.6
1.20
930C1W1P2K–F
11.5
25.4
24
14
5.7
5.3
4.9
4.4
3.8
3.0
2.8
1.50
930C1W1P5K–F
12.7
25.4
20
14
6.1
5.5
5.1
4.6
4.0
3.2
3.1
1.80
930C1W1P8K–F
13.7
25.4
19
14
6.3
5.7
5.3
4.8
4.1
3.4
3.0
2.00
930C1W2K–F
12.3
31.7
18
10
6.5
6.0
5.5
4.9
4.2
3.5
3.2
2.20
930C1W2P2K–F
12.9
31.7
18
10
6.8
6.3
5.7
2.1
4.4
3.6
3.3
2.70
930C1W2P7K–F
14.1
31.7
17
10
7.1
6.5
6.0
5.3
4.6
3.7
3.4
3.00
930C1W3K–F
14.8
31.7
16
10
7.3
6.7
6.2
5.5
4.8
3.9
3.5
3.30
930C1W3P3K–F
15.4
31.7
16
10
7.4
6.8
6.4
5.6
4.9
4.0
3.6
3.90
930C1W3P9K–F
16.6
31.7
15
10
7.6
6.9
6.6
5.8
5.1
4.1
3.7
4.00
930C1W4K–F
13.6
44.4
15
6
7.8
7.0
6.7
5.9
5.2
4.2
3.8
4.70
930C1W4P7K–F
14.7
44.4
15
6
8.1
7.4
6.8
6.0
5.3
4.3
3.9
5.00
930C1W5K–F
15.1
44.4
14
6
8.3
7.6
7.0
6.2
5.4
4.4
4.0
5.60
930C1W5P6K–F
15.8
44.4
14
6
8.4
7.7
7.1
6.4
5.5
4.5
4.1
6.00
930C1W6K–F
16.4
44.4
14
6
8.5
7.8
7.2
6.5
5.6
4.6
4.2
6.80
930C1W6P8K–F
17.3
44.4
13
6
8.5
8.0
7.4
6.7
5.7
4.7
4.3
8.00
930C1W8K–F
18.7
44.4
13
6
8.6
8.3
7.7
6.8
6.0
4.8
4.4
8.20
930C1W8P2K–F
18.9
44.4
13
6
8.8
8.6
8.0
7.0
6.1
4.9
4.5
10.00
930C1W10K–F
20.7
44.4
12
6
9.0
9.0
8.5
7.6
6.6
5.4
4.9
250 Vdc (175 Vac)
.10
930C2P1K–F
8.0
19.0
---
37
1.5
1.5
1.5
1.5
1.5
1.5
.09
.12
930C2P12K–F
8.0
19.0
---
37
1.9
1.9
1.9
1.9
1.9
1.7
1.0
.15
930C2P15K–F
8.5
19.0
---
37
2.3
2.3
2.3
2.3
2.3
1.9
1.1
.18
930C2P18K–F
9.0
19.0
---
37
2.7
2.7
2.7
2.7
2.5
2.0
1.2
930
C
1
P
22
K
–F
Capacitance
RoHS
Compliant
Indicator
Termination
Capacitance
Significant
Tolerance
Series
Code
Voltage Code
Decimal Point
Figures (µF)
Code
930
C = Tinned Copper Wire
1 = 100 Vdc
S = 0.0
K = ±10%
2 = 250 Vdc
P = 0.
J = ±5%
4 = 400 Vdc
W = No decimal
6 = 630 Vdc
point



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com