Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5292CS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL5292CS Datasheet HTML 2Page - Renesas Technology Corp EL5292CS Datasheet HTML 3Page - Renesas Technology Corp EL5292CS Datasheet HTML 4Page - Renesas Technology Corp EL5292CS Datasheet HTML 5Page - Renesas Technology Corp EL5292CS Datasheet HTML 6Page - Renesas Technology Corp EL5292CS Datasheet HTML 7Page - Renesas Technology Corp EL5292CS Datasheet HTML 8Page - Renesas Technology Corp EL5292CS Datasheet HTML 9Page - Renesas Technology Corp EL5292CS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
EL5292, EL5292A
FN7192 Rev 1.00
Page 6 of 16
June 28, 2007
Typical Performance Curves (Continued)
-3dB Bandwidth vs Supply Voltage for Non-
Inverting Gains
567
10
Total Supply Voltage (V)
800
600
400
200
0
-3dB Bandwidth vs Supply Voltage for Inverting
Gains
Total Supply Voltage (V)
350
300
150
100
50
0
Peaking vs Supply Voltage for Non-Inverting Gains
Total Supply Voltage (V)
4
3
2
1
0
89
RF=750
RL=150
AV=1
AV=2
AV=5
AV=10
567
10
89
567
10
89
250
200
RF=375
RL=150
RF=750
RL=150
AV=1
AV=-1
AV=-2
AV=-5
AV=2
AV=10
Peaking vs Supply Voltage for Inverting Gains
Total Supply Voltage (V)
4
3
2
1
0
RF=375
RL=150
AV=-1
567
10
89
AV=-2
AV=-5
-3dB Bandwidth vs Temperature for Non-Inverting
Gains
1400
1200
1000
600
400
200
0
-40
10
60
160
Ambient Temperature (°C)
800
AV=1
-3dB Bandwidth vs Temperature for Inverting
Gains
500
400
300
100
0
-40
10
60
160
Ambient Temperature (°C)
200
110
AV=2
RF=750
RL=150
AV=5
AV=10
110
AV=-1
RF=375
RL=150
AV=-2
AV=-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com