Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5292CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL5292CS Datasheet HTML 6Page - Renesas Technology Corp EL5292CS Datasheet HTML 7Page - Renesas Technology Corp EL5292CS Datasheet HTML 8Page - Renesas Technology Corp EL5292CS Datasheet HTML 9Page - Renesas Technology Corp EL5292CS Datasheet HTML 10Page - Renesas Technology Corp EL5292CS Datasheet HTML 11Page - Renesas Technology Corp EL5292CS Datasheet HTML 12Page - Renesas Technology Corp EL5292CS Datasheet HTML 13Page - Renesas Technology Corp EL5292CS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL5292, EL5292A
FN7192 Rev 1.00
Page 10 of 16
June 28, 2007
Typical Performance Curves (Continued)
Positive Input Resistance vs Temperature
50
45
30
20
15
10
0
-40
10
160
Temperature (°C)
25
110
60
35
40
5
Supply Current vs Temperature
8
4
3
2
1
0
-40
10
110
160
Temperature (°C)
60
5
6
7
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.8
3.7
3.6
3.5
-40
10
50
160
Temperature (°C)
3.9
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
110
160
Temperature (°C)
-3.8
110
150
1k
60
150
1k
Slew Rate vs Temperature
4600
4400
4000
3800
3600
3400
3200
3000
-40
10
60
110
160
Die Temperature (°C)
4200
AV=2
RF=RG=375
RL=150
Output Current vs Temperature
135
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
Sink
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com