Electronic Components Datasheet Search
  English  ▼

X  

EL5292CS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # EL5292CS
Description  Dual 600MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5292CS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button EL5292CS Datasheet HTML 8Page - Renesas Technology Corp EL5292CS Datasheet HTML 9Page - Renesas Technology Corp EL5292CS Datasheet HTML 10Page - Renesas Technology Corp EL5292CS Datasheet HTML 11Page - Renesas Technology Corp EL5292CS Datasheet HTML 12Page - Renesas Technology Corp EL5292CS Datasheet HTML 13Page - Renesas Technology Corp EL5292CS Datasheet HTML 14Page - Renesas Technology Corp EL5292CS Datasheet HTML 15Page - Renesas Technology Corp EL5292CS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
EL5292, EL5292A
FN7192 Rev 1.00
Page 14 of 16
June 28, 2007
capable of driving 50
 loads to both rails, making it an
excellent choice for driving isolation transformers in
telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL5292 from the cable and allow extensive
capacitive drive. However, other applications may have high
capacitive loads without a back-termination resistor. In these
applications, a small series resistor (usually between 5
 and
50
) can be placed in series with the output to eliminate
most peaking. The gain resistor (RG) can then be chosen to
make up for any gain loss which may be created by this
additional resistor at the output. In many cases it is also
possible to simply increase the value of the feedback
resistor (RF) to reduce the peaking.
Current Limiting
The EL5292 has no internal current-limiting circuitry. If the
output is shorted, it is possible to exceed the Absolute
Maximum Rating for output current or power dissipation,
potentially resulting in the destruction of the device.
Power Dissipation
With the high output drive capability of the EL5292, it is
possible to exceed the +125°C Absolute Maximum junction
temperature under certain very high load current conditions.
Generally speaking when RL falls below about 25, it is
important to calculate the maximum junction temperature
(TJMAX) for the application to determine if power supply
voltages, load conditions, or package type need to be
modified for the EL5292 to remain in the safe operating area.
These parameters are calculated in Equation 1:
where:
TMAX = Maximum ambient temperature
JA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated in Equation 2:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1A
VOUTMAX = Maximum output voltage (required)
RL = Load resistance
TJMAX
TMAX JA nPDMAX

+
=
(EQ. 1)
PDMAX
2
VS ISMAX
VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com