Electronic Components Datasheet Search
  English  ▼

X  

HA4201 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4201 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA4201 Datasheet HTML 1Page - Renesas Technology Corp HA4201 Datasheet HTML 2Page - Renesas Technology Corp HA4201 Datasheet HTML 3Page - Renesas Technology Corp HA4201 Datasheet HTML 4Page - Renesas Technology Corp HA4201 Datasheet HTML 5Page - Renesas Technology Corp HA4201 Datasheet HTML 6Page - Renesas Technology Corp HA4201 Datasheet HTML 7Page - Renesas Technology Corp HA4201 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HA4201
FN3680 Rev 6.00
Page 4 of 8
March 8, 2007
Control Signals
EN - The ENABLE input is a TTL/CMOS compatible, active
high input. When driven low this input forces the output to a
true high impedance state and reduces the power
dissipation by two orders of magnitude. The EN input has no
on-chip pull-up resistor, so it must be connected to a logic
high (recommend V+) if the enable function isn’t utilized.
Tally - The Tally output is an open collector PNP transistor
connected to V+. When EN = 1, the PNP transistor is enabled
and current is delivered to the load. When the crosspoint is
disabled, the Tally output presents a very high impedance to the
external circuitry. Several Tally outputs may be wire OR’d
together to generate complex control signals, as shown with the
HA4404 in the application circuits below. The Tally load may be
terminated to GND or to V- as long as the continuous output
current doesn’t exceed 3mA (6mA at 50% duty cycle, etc.).
Switcher/Router Applications
Figure 1 illustrates one possible implementation of a
wideband, low-power, 4x4 switcher/router. A 4x4
switcher/router allows any of the four outputs to be driven by
any one of the four inputs (e.g. each of the four inputs may
connect to a different output, or an input may connect to
multiple outputs). This application utilizes the HA4201 for the
input buffer, the HA4404 (4x1 crosspoint switch) as the switch
matrix, and the HFA1112 (programmable gain buffer) as the
gain of two output driver. Figure 2 details a 16x1 switcher
(basically a 16:1 mux) which uses the HA4201 in a cascaded
stage configuration to minimize capacitive loading at each
output node, thus increasing system bandwidth.
Power Up Considerations
No signals should be applied to the analog or digital inputs
before the power supplies are activated. Latch-up may occur
if the inputs are driven at the time of power up. To prevent
latch-up, the input currents during power up must not exceed
the values listed in the Absolute Maximum Ratings.
Intersil’s Crosspoint Family
Intersil offers a variety of 1x1 and 4x1 crosspoint switches. In
addition to the HA4201, the 1x1 family includes the HA4600
which is an essentially similar device but without the Tally
output. The 4x1 family is comprised of the HA4314, HA4404,
and HA4344. The HA4314 is a 14 lead basic 4x1 crosspoint.
The HA4404 is a 16 Ld device with Tally outputs to indicate
the selected channel. The HA4344 is a 16 Ld crosspoint with
synchronized control lines (A0, A1, CS). With
synchronization, the control information for the next channel
switch can be loaded into the crosspoint without affecting the
current state. On a subsequent clock edge the stored control
state effects the desired channel switch.
-
INPUT BUFFERS
SWITCH MATRIX
OUTPUT BUFFERS
(HFA1112 OR HFA1115)
OUT
SOURCE3
IN0
T0
HA4404
CS
T3
IN3
EN
OUT0
10k
75
RS
HA4201
OUT
IN0
T0
HA4404
CS
T3
IN3
OUT
IN0
T0
HA4404
CS
T3
IN3
OUT
IN0
T0
HA4404
CS
T3
IN3
75
OUT1
75
RS
RS
RS
RS
X2
+
OUT
SOURCE0
EN
75
RS
HA4201
OUT
SOURCE1
75
SOURCE2
75
OUT2
75
OUT3
75
10k
X2
X2
X2
-
+
-
+
-
+
FIGURE 1. 4x4 SWITCHER/ROUTER APPLICATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com