Electronic Components Datasheet Search
  English  ▼

X  

HA4201 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4201 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA4201 Datasheet HTML 1Page - Renesas Technology Corp HA4201 Datasheet HTML 2Page - Renesas Technology Corp HA4201 Datasheet HTML 3Page - Renesas Technology Corp HA4201 Datasheet HTML 4Page - Renesas Technology Corp HA4201 Datasheet HTML 5Page - Renesas Technology Corp HA4201 Datasheet HTML 6Page - Renesas Technology Corp HA4201 Datasheet HTML 7Page - Renesas Technology Corp HA4201 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HA4201
FN3680 Rev 6.00
Page 5 of 8
March 8, 2007
SOURCE0
75
HA4201
OUT
IN0
T0
T3
IN3
SOURCE3
75
SOURCE4
75
OUT
IN3
T0
T3
IN0
SOURCE7
75
RS
SOURCE8
75
RS
HA4201
OUT
IN0
T0
T3
IN3
SOURCE11
75
SOURCE12
75
RS
OUT
IN3
T0
T3
IN0
SOURCE15
75
RS
HA4404
75
+
-
X2
OUT
10k
10k
HA4404
RS
RS
SWITCHING MATRIX
OUTPUT BUFFER
ISOLATION MUX
HFA1112 OR HFA1115
IN2
IN1
IN2
IN1
IN2
IN1
IN2
IN1
EN
EN
FIGURE 2. 16x1 SWITCHER APPLICATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com