Electronic Components Datasheet Search
  English  ▼

X  

HA4201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA4201
Description  480MHz, 1x1 Video Crosspoint Switch with Tally Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA4201 Datasheet HTML 1Page - Renesas Technology Corp HA4201 Datasheet HTML 2Page - Renesas Technology Corp HA4201 Datasheet HTML 3Page - Renesas Technology Corp HA4201 Datasheet HTML 4Page - Renesas Technology Corp HA4201 Datasheet HTML 5Page - Renesas Technology Corp HA4201 Datasheet HTML 6Page - Renesas Technology Corp HA4201 Datasheet HTML 7Page - Renesas Technology Corp HA4201 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FN3680 Rev 6.00
Page 1 of 8
March 8, 2007
FN3680
Rev 6.00
March 8, 2007
HA4201
480MHz, 1x1 Video Crosspoint Switch with Tally Output
DATASHEET
The HA4201 is a very wide bandwidth 1x1 crosspoint switch
ideal for professional video switching, HDTV, computer
monitor routing, and other high performance applications.
The circuit features very low power dissipation (105mW
Enabled, 1mW Disabled), excellent differential gain and
phase, and very high off isolation. When disabled, the output
is switched to a high impedance state, making the HA4201
ideal for routing matrix equipment.
The HA4201 requires no external current source, and
features fast switching and symmetric slew rates. The tally
output is an open collector PNP transistor to VCC, and is
activated whenever EN = 1 to provide an indication of
crosspoint selection.
For applications which don’t require a TALLY output, please
refer to the HA4600 data sheet.
Pinout
HA4201
(8 LD SOIC)
TOP VIEW
Features
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1700V/
s
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 250MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . 85dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.01%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.01 Degrees
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . >1800V
• TTL Compatible Enable Input
• Open Collector Tally Output
• Improved Replacement for GX4201
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Professional Video Switching and Routing
• Video Multiplexers
• HDTV
• Computer Graphics
• RF Switching and Routing
• PCM Data Routing
Ordering Information
Truth Table
EN
OUT
TALLY
0High Z
Off
1Active
On
EN
V-
V+
OUT
1
2
3
4
8
7
6
5
GND
IN
NC
TALLY
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA4201CB96
4201C B
0 to +70 8 Ld SOIC
Tape and
Reel
M8.15
HA4201CBZ96
(Note)
4201C BZ
0 to +70 8 Ld SOIC
(Pb-free)
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
OBSOLETE PRODUCT
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HA4201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201 INTERSIL-HA4201 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
HA4201CB INTERSIL-HA4201CB Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4201CB96 INTERSIL-HA4201CB96 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
More results

Similar Description - HA4201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4201 INTERSIL-HA4201 Datasheet
79Kb / 7P
480MHz, 1 x 1 Video Crosspoint Switch with Tally Output
September 1998
HA4404B INTERSIL-HA4404B Datasheet
95Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
July 1998
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
Wideband, Monolithic 1x1 Video Crosspoint Switch
logo
Intersil Corporation
HA4244 INTERSIL-HA4244 Datasheet
145Kb / 6P
480MHz, 1 x 1 Video Crosspoint Switch with Synchronous Enable
September 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA4404B INTERSIL-HA4404B_03 Datasheet
282Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch with Tally Outputs
June 2003
HA4201 INTERSIL-HA4201_06 Datasheet
346Kb / 8P
480MHz, 1x1 Video Crosspoint Switch with Tally Output
March 8, 2007
logo
Renesas Technology Corp
HA4404B RENESAS-HA4404B Datasheet
531Kb / 9P
330MHz, 4 x 1 Video Crosspoint Switch With Tally Outputs
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com