Electronic Components Datasheet Search
  English  ▼

X  

HA4344B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA4344B
Description  350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4344B Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA4344B Datasheet HTML 1Page - Renesas Technology Corp HA4344B Datasheet HTML 2Page - Renesas Technology Corp HA4344B Datasheet HTML 3Page - Renesas Technology Corp HA4344B Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HA4344B
FN3956 Rev 4.00
Page 3 of 4
June 1, 2006
AC Test Circuit
-3dB Bandwidth
RS =47, CL = 10pF
25
-
350
-
MHz
RS =29, CL = 20pF
25
-
300
-
MHz
RS =16, CL = 33pF
25
-
220
-
MHz
RS =9, CL = 52pF
25
-
160
-
MHz
0.1dB Flat Bandwidth
RS =47, CL = 10pF
25
-
150
-
MHz
RS =29, CL = 20pF
25
-
110
-
MHz
RS =16, CL = 33pF
25
-
100
-
MHz
RS =9, CL = 52pF
25
-
70
-
MHz
Input Resistance
Full
200
400
-
k
Input Capacitance
Full
-
1.5
-
pF
Enabled Output Resistance
Full
-
15
-
Disabled Output Capacitance
VCS = 2.0V
Full
-
2.5
-
pF
Differential Gain
4.43MHz (Note 3)
25
-
0.01
0.02
%
Differential Phase
4.43MHz (Note 3)
25
-
0.01
0.02
°
Off Isolation
1VP-P, 100MHz, VCS = 2.0V
Full
-
70
-
dB
Crosstalk Rejection
1VP-P, 30MHz
Full
-
80
-
dB
Slew Rate (1.5VP-P, +SR/-SR)
RS =47, CL = 10pF
25
-
1400/1490
-
V/
s
RS =29, CL = 20pF
25
-
1200/1260
-
V/
s
RS =16, CL = 33pF
25
-
870/940
-
V/
s
RS =9, CL = 52pF
25
-
750/710
-
V/
s
Total Harmonic Distortion (Note 3)
Full
-
0.01
0.1
%
Disabled Output Resistance
VCS =2.0V
Full
-
12
-
M
NOTES:
3. This parameter is not tested. The limits are guaranteed based on lab characterization, and reflect lot-to-lot variation.
4. Units are 100% tested at 25°C; guaranteed, but not tested at 0°C and 70°C.
Electrical Specifications
VSUPPLY = 5V, RL = 10k, VCS = 0.8V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 4)
TEMP. (°C)
MIN
TYP
MAX
UNITS
HA4344B
RS
CX
75
HFA1100
75
VOUT
VIN
10k
500
400
510
+
-
NOTE: CL = CX + Test Fixture Capacitance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com