Electronic Components Datasheet Search
  English  ▼

X  

HA4344B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA4344B
Description  350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4344B Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA4344B Datasheet HTML 1Page - Renesas Technology Corp HA4344B Datasheet HTML 2Page - Renesas Technology Corp HA4344B Datasheet HTML 3Page - Renesas Technology Corp HA4344B Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HA4344B
FN3956 Rev 4.00
Page 2 of 4
June 1, 2006
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
25mA
Analog Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
5mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
2. If an input signal is applied before the supplies are powered up, the input current must be limited to these maximum values.
Electrical Specifications
VSUPPLY = 5V, RL = 10k, VCS = 0.8V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 4)
TEMP. (°C)
MIN
TYP
MAX
UNITS
DC SUPPLY CHARACTERISTICS
Supply Voltage
Full
4.5
5.0
5.5
V
Supply Current (VOUT =0V)
VCS = 0.8V
25, 70
-
10.5
13
mA
VCS = 0.8V
0
-
-
15.5
mA
VCS = 2.0V
25, 70
-
400
450
A
VCS = 2.0V
0
-
400
580
A
ANALOG DC CHARACTERISTICS
Output Voltage Swing Without Clipping VOUT = VINVIO20mV
25, 70
2.7
2.8
-V
0
2.4
2.5
-V
Output Current
Full
15
20
-
mA
Input Bias Current
Full
-
30
50
A
Output Offset Voltage
Full
-10
-
10
mV
Output Offset Voltage Drift (Note 3)
Full
-
25
50
V/C
SWITCHING CHARACTERISTICS
Turn-On Time
25
-
160
-
ns
Turn-Off Time
25
-
320
-
ns
Output Glitch During Switching
25
-
10
-
mV
DIGITAL DC CHARACTERISTICS
Input Logic High Voltage
Full
2
-
-
V
Input Logic Low Voltage
Full
-
-
0.8
V
CLK1, CLK2 Input Current
0 to 4V
Full
-
40
50
A
CS, A0, A1 Input Current
0 to 4V
Full
-2
-
2
A
AC CHARACTERISTICS
Insertion Loss
1VP-P
25
-
0.055
0.063
dB
Full
-
0.07
0.08
dB
Channel-to-Channel Insertion Loss
Match
Full
-
0.004
0.006
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com