Electronic Components Datasheet Search
  English  ▼

X  

HA4344B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA4344B
Description  350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4344B Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA4344B Datasheet HTML 1Page - Renesas Technology Corp HA4344B Datasheet HTML 2Page - Renesas Technology Corp HA4344B Datasheet HTML 3Page - Renesas Technology Corp HA4344B Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FN3956 Rev 4.00
Page 1 of 4
June 1, 2006
FN3956
Rev 4.00
June 1, 2006
HA4344B
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
DATASHEET
The HA4344B is a very wide bandwidth 4x1 crosspoint switch
ideal for professional video switching, HDTV, computer
display routing, and other high performance applications. This
circuit features very low power dissipation, excellent
differential gain and phase, high off isolation, symmetric slew
rates, fast switching, and latched control signals. When
disabled, the output is switched to a high impedance state,
making the HA4344B ideal for matrix routers.
The latched control signals allow for synchronized channel
switching. When CK1 is low, the master control latch loads
the next switching address (A0, A1, CS), while the closed
(assuming CK2 is the inverse of CK1) slave control latch
maintains the crosspoint in its current state. CK2 switching
low closes the master latch (with previous assumption),
loads the now open slave latch, and switches the crosspoint
to the newly selected channel. Channel selection is
asynchronous (changes with any control signal change) if
both CK1 and CK2 are low.
Features
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . .105mW
• Symmetrical Slew Rates . . . . . . . . . . . . . . . . . . 1400V/
s
• 0.1dB Gain Flatness. . . . . . . . . . . . . . . . . . . . . . . 100MHz
• -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 350MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . .70dB
• Crosstalk Rejection (30MHz) . . . . . . . . . . . . . . . . . . .80dB
• Differential Gain and Phase . . . . . . . . . . . . . . 0.01%/0.01°
• High ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . .>2000V
• TTL Compatible Control Signals
• Latched Control Lines for Synchronous Switching
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Professional Video Switching and Routing
• RGB Video Distribution Systems
• Computer Graphics
• RF Switching and Routing
Pinout
HA4344B (SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA4344BCB
HA4344BCB
0 to 70
16 Ld SOIC M16.15
HA4344BCBZ
(Note)
4344BCBZ
0 to 70
16 Ld SOIC
(Pb-free)
M16.15
HA4344BCBZ96
(Note)
4344BCBZ
0 to 70
16 Ld SOIC
Tape & Reel
(Pb-free)
M16.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN0
GND
IN1
GND
IN2
GND
GND
IN3
V+
A1
CS
OUT
CK2
CK1
V-
A0
Functional Diagram
Timing Diagram
OUT
DECODE
EN0
EN1
EN2
EN3
IN0
IN1
IN2
IN3
C
C
C
C
CK1
CK2
A0
A1
CS
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
C
C
C
C
100k
100k
A0, A1, CS
OUT
CHX
CHY
CHZ
CHX
CHX
CHY
CHX
CHZ
CHZ
CK1
CK2
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
HA4344B INTERSIL-HA4344B Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
HA4344BCB INTERSIL-HA4344BCB Datasheet
35Kb / 4P
350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
HA4344BCB INTERSIL-HA4344BCB Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
HA4344BCB96 INTERSIL-HA4344BCB96 Datasheet
35Kb / 4P
350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
More results

Similar Description - HA4344B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
December 8, 2006
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
June 1, 2006
HA4314B INTERSIL-HA4314B_07 Datasheet
320Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
September 11, 2007
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
400MHz, 4x1 Video Crosspoint Switch
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com