Electronic Components Datasheet Search
  English  ▼

X  

DEM20486 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DEM20486
Description  LCD MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DEM20486 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DEM20486 Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DEM 20486 SYH-LY
Product specification
6.2 Example application
6-2-1 The LED resistor should be bridged as following .
R8
R7
J6
6-2-2 The 15 pin is the Anode and the 16 pin is the cathode as following .
J4
J2
J5
6-2-3 The 15 pin is the cathode and the 16 pin is the Anode as following .
J4
J2
J5
6-2-4 The metal-bezel is on ground as following .
J3
J3
J1
6.3 The module No. is printed on the PCB .
Figure 4.0
DEM20486
1
16
VERSION : 0
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com