Electronic Components Datasheet Search
  English  ▼

X  

DEM20486 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DEM20486
Description  LCD MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DEM20486 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DEM20486 Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DEM 20486 SYH-LY
Product specification
9. MAXIMUM ABSOLUTE POWER RATINGS (Ta = 25°C)
Standard value
Power supply voltage(1)
-0.3 ~ +7.0
Power supply voltage(2)
VDD-15.0 ~ VDD+0.3
Input voltage
-0.3 ~ VDD+0.3
Volt. For BL
Operating temperature
-20 ~ +70
Storage temperature
-30 ~ +80
10. Electrical Characteristics
10-1. DC Characteristics (VDD = 4.5V ~ 5.5V, Ta = -20 ~ +70°C)
Standard Value
Test
MIN
TYP
MAX
Condition
Operating Voltage
VDD
4,5
5
5,5
V
Supply Current
IDD
0,35
0,6
mA
Input Voltage(1)
VIL1
-0,3
0,6
(except OSC1)
VIH1
2,2
VDD
Input Voltage(2)
VIL2
-0,2
1.0
( OSC1)
VIH2
VDD-1.0
VDD
Output Voltage (1)
VOL1
0,4
(DB0 TO DB7)
VOH1
2,4
Output Voltage (2)
VOL2
0.1VDD
(except DB0 TO DB7)
VOH2
0.9VDD
VdCOM
1
VdSEG
1
Input Leakage Current
IIKG
-1
1
VIN=0 V to VDD
uA
Input Low Current
IIL
-50
-125
-250
uA
Internal Clock
fOSC1
190
270
350
(external Rf)
fOSC
125
270
410
kHz
External Clock
duty
45
50
55
%
tR,tF
0,2
us
LCD Driving Voltage
VLCD
3.0
13.0
V
Item
Symbol
VIN
Tstg
Unit
VDD
V
V0
V
°C
V
Topr
°C
VLED1
4 ~ 4.5
V
IOH=-40uA
VIN=0V,VDD=5V(pull up)
Rf = 91k ± 2%
(VDD=5V)
VDD-V5(1/5,1/4 Bias)
VDD=5V,fosc=270kHz
IOL=1.2mA
IOH=-0.205mA
IOL=40uA
Item
Symbol
Unit
V
V
V
V
V
kHz
Voltage Drop
IO=0.1±mA
VERSION : 0
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com