Electronic Components Datasheet Search
  English  ▼

X  

DEM20486 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DEM20486
Description  LCD MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DEM20486 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DEM20486 Datasheet HTML 2Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 3Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 4Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 5Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 6Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 7Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 8Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 9Page - List of Unclassifed Manufacturers DEM20486 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DEM 20486 SYH-LY
Product specification
7. BACKLIGHT & SWITCH (Ta = -20 ~ +70°C)
8. DISPLAY DATA RAM ( DDRAM )
DISPLAY POSITION
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
FIRST LINE
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13
SECOND LINE
40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53
THIRD LINE
14 15 16 17 18 19 1A 1B 1C 1D 1E 1F 20 21 22 23 24 25 26 27
FOURTH LINE
54 55 56 57 58 59 5A 5B 5C 5D 5E 5F 60 61 62 63 64 65 66 67
DD RAM ADDRESS
~200
V
mA
LED+ / LED-
Standard Value
Unit
Applicable Terminal
V
5.0
Item
Backlight Voltage
Backlight Current
Symbol
I
Figure 5.0
K
A
K
A
28 x 2
dices
VERSION : 0
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com