Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICL7107SCPLZ
Description  31/2 Digit, LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7107SCPLZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICL7107SCPLZ Datasheet HTML 1Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 2Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 3Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 4Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 5Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 6Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ICL7106, ICL7107, ICL7107S
FN3082 Rev 9.00
Page 3 of 17
October 24, 2014
Absolute Maximum Ratings
Thermal Information
Supply Voltage
ICL7106, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
ICL7107, V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
ICL7107, V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V
Analog Input Voltage (Either Input) (Note 6) . . . . . . . . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input). . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Clock Input
ICL7106 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
ICL7107 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND to V+
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Thermal Resistance (Typical)
JA (oC/W)
PDIP Package (Note 7) . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package (Note 7) . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile (MQFP Package only) . . . . . . . . . . . . . . . see TB493
NOTE: Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Input voltages may exceed the supply voltages provided the input current is limited to ±100µA.
7.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications (Note 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Zero Input Reading
VIN = 0.0V, full scale = 200mV
-000.0
000.0
+000.0 Digital
Reading
Stability (Last Digit) (ICL7107S Only)
Fixed input voltage (Note 11)
-000.0
000.0
+000.0 Digital
Reading
Ratiometric Reading
VlN = VREF, VREF = 100mV
999 999/1000 1000
Digital
Reading
Rollover Error
-VIN = +VlN  200mV
Difference in reading for equal positive and negative inputs
near full scale
-
±0.2
±1
Counts
Linearity
Full scale = 200mV or full scale = 2V maximum deviation
from best straight line fit (Note 10)
-
±0.2
±1
Counts
Common Mode Rejection Ratio
VCM = 1V, VIN = 0V, full scale = 200mV (Note 10)
-
50
-
µV/V
Noise
VIN = 0V, full scale = 200mV
(peak-to-peak value not exceeded 95% of time)
-15
-
µV
Leakage Current Input
VlN = 0 (Note 10)-
1
10
pA
Zero Reading Drift
VlN = 0, 0°C to +70°C (Note 10)
-
0.2
1
µV/°C
Scale Factor Temperature Coefficient
VIN = 199mV, 0°C to +70°C,
(ext. ref. 0ppm/×°C) (Note 10)
-1
5
ppm/°C
End Power Supply Character V+ Supply Current
VIN = 0 (does not include LED current for ICL7107)
-
1.0
1.8
mA
End Power Supply Character V- Supply Current
ICL7107 Only
-
0.6
1.8
mA
COMMON Pin Analog Common Voltage
25kΩ between common and positive supply (with respect
to + supply)
2.4
3.0
3.2
V
Temperature Coefficient of Analog Common
25kΩ between common and positive supply (with respect
to + supply)
-80
-
ppm/°C
DISPLAY DRIVER ICL7106 ONLY
Peak-to-Peak Segment Drive Voltage
Peak-to-Peak Backplane Drive Voltage
V+ = to V- = 9V (Note 9)
4
5.5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com