Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7107SCPLZ
Description  31/2 Digit, LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7107SCPLZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7107SCPLZ Datasheet HTML 2Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 3Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 4Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 5Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 6Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 9Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ICL7106, ICL7107, ICL7107S
FN3082 Rev 9.00
Page 6 of 17
October 24, 2014
Detailed Description
Analog Section
Figure 3 shows the analog section for the ICL7106 and ICL7107.
Each measurement cycle is divided into three phases. They are
(1) auto-zero (A-Z), (2) signal integrate (INT) and (3) deintegrate
(DE).
Auto-Zero Phase
During auto-zero three things happen. First, input high and low are
disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate for
offset voltages in the buffer amplifier, integrator, and comparator.
Since the comparator is included in the loop, the A-Z accuracy is
limited only by the noise of the system. In any case, the offset
referred to the input is less than 10µV.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the internal
short is removed, and the internal input high and low are connected
to the external pins. The converter then integrates the differential
voltage between IN HI and IN LO for a fixed time. This differential
voltage can be within a wide common mode range: up to 1V from
either supply. If, on the other hand, the input signal has no return
with respect to the converter power supply, IN LO can be tied to
analog COMMON to establish the correct common mode voltage. At
the end of this phase, the polarity of the integrated signal is
determined.
Deintegrate Phase
The final phase is deintegrate, or reference integrate. Input low is
internally connected to analog COMMON and input high is
connected across the previously charged reference capacitor.
Circuitry within the chip ensures that the capacitor will be
connected with the correct polarity to cause the integrator output
to return to zero. The time required for the output to return to zero
is proportional to the input signal. Specifically the digital reading
displayed is:
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier, or specifically from
0.5V below the positive supply to 1V above the negative supply. In
this range, the system has a CMRR of 86dB typical. However, care
must be exercised to assure the integrator output does not
saturate. A worst case condition would be a large positive common
mode voltage with a near full scale negative differential input
voltage. The negative input signal drives the integrator positive
when most of its swing has been used up by the positive common
mode voltage. For these critical applications the integrator output
swing can be reduced to less than the recommended 2V full scale
swing with little loss of accuracy. The integrator output can swing
to within 0.3V of either supply without loss of linearity.
Differential Reference
The reference voltage can be generated anywhere within the power
supply voltage of the converter. The main source of common mode
error is a roll-over voltage caused by the reference capacitor losing or
gaining charge to stray capacity on its nodes. If there is a large
common mode voltage, the reference capacitor can gain charge
(increase voltage) when called up to deintegrate a positive signal but
lose charge (decrease voltage) when called up to deintegrate a
negative input signal. This difference in reference for positive or
negative input voltage will give a roll-over error. However, by
selecting the reference capacitor such that it is large enough in
comparison to the stray capacitance, this error can be held to less
than 0.5 count worst case. (see “Component Value Selection” on
page 10.)
DISPLAY COUNT = 1000
VIN
VREF
---------------



(EQ. 1)
FIGURE 3. ANALOG SECTION OF ICL7106 AND ICL7107
DE
-
DE+
CINT
CAZ
RINT
BUFFER
A-Z
INT
-
+
A-Z
COMPARATOR
IN HI
COMMON
IN LO
31
32
30
DE-
DE+
INT
A-Z
34
CREF+
36
REF HI
CREF
REF LO
35
A-Z
A-Z
33
CREF-
28
29
27
TO
DIGITAL
SECTION
A-Z AND DE(±)
INTEGRATOR
INT
STRAY
STRAY
V+
10
A
V-
N
INPUT
HIGH
2.8V
6.2V
V+
1
INPUT
LOW
-
+
-
+
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com