Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL7107SCPLZ
Description  31/2 Digit, LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7107SCPLZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL7107SCPLZ Datasheet HTML 1Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 2Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 3Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 4Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 5Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 6Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 7Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 8Page - Renesas Technology Corp ICL7107SCPLZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICL7106, ICL7107, ICL7107S
FN3082 Rev 9.00
Page 4 of 17
October 24, 2014
DISPLAY DRIVER ICL7107 ONLY
Segment Sinking Current
V+ = 5V, segment voltage = 3V
Except Pins AB4 and POL
5
8
-
mA
Pin AB4 Only
10
16
-
mA
Pin POL Only
47
-
mA
NOTES:
8. Unless otherwise noted, specifications apply to both the ICL7106 and ICL7107 at TA = +25°C, fCLOCK = 48kHz. ICL7106 is tested in the circuit of
Figure 1. ICL7107 is tested in the circuit of Figure 2.
9. Back plane drive is in phase with segment drive for “off” segment, 180 degrees out of phase for “on” segment. Frequency is 20 times conversion rate.
Average DC component is less than 50mV.
10. Limit is not production tested. The maximum was established via characterization and/or design simulations.
11. Sample tested.
Typical Applications and Test Circuits
FIGURE 1. ICL7106 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE
FIGURE 2. ICL7107 TEST CIRCUIT AND TYPICAL APPLICATION WITH LED DISPLAY COMPONENTS SELECTED FOR 200mV FULL SCALE
Electrical Specifications (Note 8) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
9V
ICL7106
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
ICL7107
+5V
-5V
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com