Electronic Components Datasheet Search
  English  ▼

X  

EM78P5840 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78P5840
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5840 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78P5840 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Version History
Specification Revision History
Version
Content
eFHP5830B
1.0
Initial version
eFHP5840
2.0
1.
Change counter1 external input pin from PC2 to P94
2.
Modify P60, P61 to INPUT/OUTPUT IO
3.
Remove P71 internal pull high function
4.
Modify control register initial value
5.
Remove 256 byte Data RAM
6.
Remove SPI function
7.
Add IRC and ERIC oscillator function
8.
Decrease Stack from 16 to 8
9.
Add Counter1 external source (from IO pad)
10. Remove Counter2
2.1
1.
Add the relative of ERIC oscillating frequency and external R
2.2
1.
Add IRC mode CLK trimming control in code option.
2.
Modify PORT9 sink/driver current.
2.3
1.
Rename “ERC mode” to “ERIC mode”
2.
Modify the relative between ERIC mode’s oscillating CLK and the value
of external resister.
2.4
1.
Change pin name from “ERCI” to “ERIC”
2.
Change the descript about CONT reg bit7
2.5
1.
Remove Crystal mode’s Idle application
2.
Modify operating temperature
2.6
1.
Rename eFH78P5840/41/42 →EM78P5840/41/42
2.
Change IRC frequency deviation from +/- 5% to +/- 10%
Relative to EM785840’s ROM-less, OTP and mask:
ROM-less
OTP
Mask
ICE5830
EM78P5840
EM78P5841
EM78P 5842
EM785840
EM785841
EM785842
Table1: the relation between EM78P5830 and EM78P5840 series:
EM78P5830 series
EM78P5840 series
PACKAGE
EM78P5830CP
EM78P5830ACP
EM78P5840P
18 pin PDIP
EM78P5830CM
EM78P5830ACM
EM78P5840M
18 pin SOP
EM78P5830BP
EM78P5830ABP
EM78P5841P
20 pin PDIP
EM78P5830BM
EM78P5830ABM
EM78P5841M
20 pin SOP
EM78P5830FP
EM78P5830AFP
EM78P5842P
24 pin PDIP
EM78P5830FM
EM78P5830AFM
EM78P5842M
24 pin SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com