Electronic Components Datasheet Search
  English  ▼

X  

EM78P5840 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P5840
Description  8 BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5840 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P5840 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P5840 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
EM78P5840/5841/5842
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
11
2004/11/10
V2.6
1
0
1:32
1
1
1:64
Bit 4 (T1EN): TMR1 enable bit
0
TMR1 is off (default value).
1
TMR1 is on.
Bit 5 (T2EN): TMR2 enable bit
0
TMR2 is off (default value).
1
TMR2 is on.
Bit 6 (PWM1E): PWM1 enable bit
0
PWM1 is off (default value), and its related pin carries out the PC1 function;
1
PWM1 is on, and its related pin will be set to output automatically.
Bit 7 (PWM2E): PWM2 enable bit
0
PWM2 is off (default value), and its related pin carries out the PC2 function.
1
PWM2 is on, and its related pin will be set to output automatically.
R6 (PORT6 I/O data, PWM control)
PAGE0 (PORT6 I/O data register)
7
6
5
4
3
2
1
0
X
X
P65
P64
P63
P62
P61
P60
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Bit0 ~ Bit1 (P60 ~ P61): PORT60 and PORT61 can be used on IRC and ERIC mode. In these two mode, PORT60
and PORT61 will defined to general purpose IO. In crystal mode, PORT60 and PORT61 are defined to crystal
input (XIN and XOUT) pins and these two bits are undefined.
Bit2 ~ Bit6 (P62 ~ P65): 4-bit PORT6(2~5) I/O data register
User can use IOC register to define input or output each bit.
Bit6 ~ Bit7 : Unused register. These bits are not allowed to use.
PAGE1, PAGE2 : (undefined) not allowed to use
These two registers are not allowed to use.
PAGE3 (DT1L: the Least Significant Byte ( Bit 7 ~ Bit 0) of Duty Cycle of PWM1)
7
6
5
4
3
2
1
0
PWM1[7] PWM1[6] PWM1[5] PWM1[4] PWM1[3] PWM1[2] PWM1[1] PWM1[0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
A specified value keeps the output of PWM1 to stay at high until the value matches with TMR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com