Electronic Components Datasheet Search
  English  ▼

X  

ESC1621 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ESC1621
Description  RAM Mapping 32 X 4 LCD Controller for I/O uC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESC1621 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ESC1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESC1621
p. 4
Last update: 2004-03-05 12:13
Pad Description
Pad No.
Pad Name
I/O
Function
1
CS
I
Chip selection input with pull-high resistor
When the CS is logic high, the data and command read from or written
to the ESC1621 are disabled. The serial interface circuit is also reset. But
if CS is at logic low level and is input to the CS pad, the data and com-
mand transmission between the host controller and the ESC1621 are all
enabled.
2
RD
I
READ clock input with pull-high resistor
Data in the RAM of the ESC1621 are clocked out on the falling edge of
the RD signal. The clocked out data will appear on the DATA line. The
host controller can use the next rising edge to latch the clocked out data.
3
WR
I
WRITE clock input with pull-high resistor
Data on the DATA line are latched into the ESC1621 on the rising edge
of the WR signal.
4
DATA
I/O
Serial data input/output with pull-high resistor
5
GND
—
Negative power supply, ground
6
OSCO
O
7
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order
to generate a system clock. If the system clock comes from an external
clock source, the external clock source should be connected to the OSCI
pad. But if and on-chip RC oscillator is selected instead, the OSCI and
OSCO pads can be left open.
8
VLCD
I
LCD power input
9
VDD
—
Positive power supply
10
IRQ
O
Time base or WDT overflow flag, NMOS open drain output
11,12
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
13~16
COM0~COM3
O
LCD common outputs
48~17
SEG0~SEG31
O
LCD segment outputs
Absolute Maximum Ratings
Supply Voltage…………...…..… -0.3V ~ 5.5V
Input Voltage……… VSS - 0.3V ~ VDD + 0.3V
Storage Temperature…………… -50
°C ~ 125°C
Operating Temperature………….. -25
°C ~ 75°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings”may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com