Electronic Components Datasheet Search
  English  ▼

X  

ESC1621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESC1621
Description  RAM Mapping 32 X 4 LCD Controller for I/O uC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESC1621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESC1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
p. 1
Last update: 2004-03-05 12:03
 
***********************************************************************************************************
General Descriptions
The ESC1621 is a 128-pattern (32x4), memory mapping, and multi- function LCD driver. The
S/W configuration feature of the ESC1621 makes it suitable for multiple LCD applications includ-
ing LCD modules and display subsystems. Only three or four lines are required for the interface
between the host controller and the ESC1621. The ESC1621 contains a power down command to
reduce power consumption.
Features
•
Operating voltage: 2.4V~5.2V.
•
Built- in 256kHz RC oscillator.
•
External 32.768kHz crystal or 256kHz frequency source input.
•
Selection of 1/2 or 1/3 bias, and selection of 1/2 or 1/3 or 1/4 duty LCD applications.
•
Internal time base frequency sources.
•
Two selectable buzzer frequencies (2kHz/4kHz).
•
Built- in time base generator and WDT.
•
Time base or WDT overflow output.
•
Power down command reduces power Consumption.
•
8 kinds of time base/WDT clock sources.
•
32x4 LCD driver.
•
Built- in 32x4 bit display RAM.
•
3-wire serial interface.
•
Internal LCD driving frequency source.
•
Software configuration feature.
•
Data mode and command mode instructions.
•
R/W address auto increment.
•
Three data accessing modes.
•
VLCD pin for adjusting LCD operating voltage.
RAM Mapping 32 X 4 LCD Controller for I/O uC


Similar Part No. - ESC1621

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESC105M050AC3AA KEMET-ESC105M050AC3AA Datasheet
76Kb / 1P
ESC, Aluminum Electrolytic, 105C LowZ, 1 uF, 20%, 50 V, -40/105C, Lead Spacing = 2mm
ESC107M035AG3AA KEMET-ESC107M035AG3AA Datasheet
77Kb / 1P
ESC, Aluminum Electrolytic, 105C LowZ, 100 uF, 20%, 35 V, -40/105C, Lead Spacing = 3.5mm
logo
List of Unclassifed Man...
ESC10DRAF ETC1-ESC10DRAF Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
ESC10DRAH ETC1-ESC10DRAH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
ESC10DRAI ETC1-ESC10DRAI Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Similar Description - ESC1621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
RAM Mapping 64x16 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT16220 HOLTEK-HT16220_04 Datasheet
140Kb / 13P
RAM Mapping 328 LCD Controller for I/O MCU
May 19, 2004
logo
List of Unclassifed Man...
SS1621 ETC2-SS1621 Datasheet
309Kb / 15P
RAM MAPPING 32 X 4 LCD CONTROLLER FOR I/O UC
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
July 27, 2009
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1622 HOLTEK-HT1622_09 Datasheet
144Kb / 17P
RAM Mapping 328 LCD Controller for I/O MCU
June 9, 2009
HT16220 HOLTEK-HT16220_09 Datasheet
145Kb / 15P
RAM Mapping 328 LCD Controller for I/O MCU
October 12, 2009
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com