Electronic Components Datasheet Search
  English  ▼

X  

ESC1621 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ESC1621
Description  RAM Mapping 32 X 4 LCD Controller for I/O uC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESC1621 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ESC1621 Datasheet HTML 1Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 2Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 3Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 4Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 5Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 6Page - List of Unclassifed Manufacturers ESC1621 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ESC1621
p. 6
Last update: 2004-03-05 12:13
A.C. Characteristics
Test Conditions
Sym.
Parameter
VDD
Conditions
Min.
Typ.
Max.
Unit
3V
—
256
—
kHz
fSYS1 System Clock
5V
On-chip RC oscillator
—
256
—
kHz
3V
—
32.768
—
kHz
fSYS2 System Clock
5V
Crystal oscillator
—
32.768
—
kHz
3V
—
256
—
kHz
fSYS3 System Clock
5V
External clock source
—
256
—
kHz
On-chip RC oscillator
—
FSYS1/1024
—
Hz
Crystal oscillator
—
FSYS2/128
—
Hz
fLCD LCD Clock
—
External clock source
—
FSYS3/1024
—
Hz
tCOM LCD Common Period
n: Number of COM
—
n/fLCD
—
s
3V
—
150
kHz
fCLK1 Serial Data Clock (WR Pin)
5V
Duty cycle 50%
—
300
kHz
3V
—
75
kHz
fCLK2 Serial Data Clock (RD Pin)
5V
Duty cycle 50%
—
150
kHz
fTONE Tone Frequency
On-chip RC oscillator
—
2.0 or 4.0
—
kHz
3V
tCS
Serial Interface Reset Pulse Width
(Figure 3)
5V
CS
—
250
—
ns
Write mode
3.34
—
—
3V
Read mode
6.67
—
—
µs
Write mode
1.67
—
—
tCLK
WR,
RD Input Pulse Width
(Figure 1)
5V
Read mode
3.34
—
—
µs
3V
tr, tf
Rise/Fall Time Serial Data Clock
Width
(Figure 1)
5V
—
—
120
—
ns
3V
tsu
Setup Time for DATA to
WR,
RD
Clock Width
(Figure 2)
5V
—
—
120
—
ns
3V
th
Hold Time for DATA to
WR,
RD
Clock Width
(Figure 2)
5V
—
—
120
—
ns
3V
tsu1
Setup Time for
CS to WR,
RD
Clock Width
(Figure 3)
5V
—
—
100
—
ns
3V
th1
Hold Time for
CS to WR,
RD
Clock Width
(Figure 3)
5V
—
—
100
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com