Electronic Components Datasheet Search
  English  ▼

X  

32F10 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 32F10
Description  EMERGING DISPLAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

32F10 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  32F10 Datasheet HTML 1Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 2Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
32F10(CCFL TYPES)
2
1
1 .
GENERAL SPECIFICATIONS
1 . 1
GENERAL SPECIFICATIONS
PLEASE REFER TO :
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATIONS :
E U - 0 0 2 A
1 . 2
THIS INDIVIDUAL SPECIFICATION IS PRIOR TO GENERAL
SPECIFICATIONS .
2 .
MECHANICAL SPECIFICATIONS
( 1 )
NUMBER OF DOTS
-------------------------- 320W * 240H DOTS
( 2 )
MODULE SIZE
-------------------------------- 167.1W * 109.0H * 11.0D(max.) mm
( 3 )
EFFECTIVE AREA
---------------------------- 120.0W * 90.0H mm
( 4 )
ACTIVE AREA
-------------------------------- 115.17W * 86.37H mm
( 5 )
DOT SIZE
------------------------------------- 0.33W * 0.33H mm
( 6 )
DOT PITCH
----------------------------------- 0.36W * 0.36H mm
( 7 )
LCD TYPE *
( 8 )
DRIVING METHOD
---------------------------- 1 / 240 DUTY MULTIPLEX DRIVE
( 9 )
VIEWING DIRECTION *
( 10 ) BACKLIGHT
----------------------------------- CCFL
* PLEASE REFER TO NUMBERING SYSTEM .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com