Electronic Components Datasheet Search
  English  ▼

X  

32F10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 32F10
Description  EMERGING DISPLAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

32F10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 32F10 Datasheet HTML 3Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 4Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 5Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 9Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 10Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
32F10(CCFL TYPES)
2
3
4 . ELECTRICAL CHARACTERISTICS
Ta = 2 5 ℃
VDD = 5 . 0 V
PARAMETER
SYMBOL
CONDITION
MIN .
TYP.
MAX .
UNIT
POWER SUPPLY VOLTAGE
FOR LOGIC
VDD ― VSS
4.75
5.0
5.25
V
POWER SUPPLY VOLTAGE
FOR LCD DRIVE
VEE ― VSS
-21.5
-22.0
-22.5
V
INPUT VOLTAGE
VIH
H LEVEL
0.8*VDD

V
NOTE ( 1 )
VIL
L LEVEL

0.2*VDD
V
OUTPUT VOLTAGE
VOH
H LEVEL
2.4

V
NOTE ( 1 )
VOL
L LEVEL

VSS+0.4
V
POWER SUPPLY CURRENT
FOR LOGIC NOTE ( 2 )
IDD
VDD-VSS
= 5 . 0 V
VDD-VEE
= 2 2 . 0 V
3.0
mA
POWER SUPPLY CURRENT
FOR LCD DRIVE NOTE ( 2 )
IEE
VDD-VSS
= 5 . 0 V
VDD-VEE
= 2 2 . 0 V
2.8
mA
RECOMMENDED
VDD-V0
Ta =-10 ℃
25.1
V
LCD DRIVING VOLTAGE
∅ = 10° ,θ= * *
Ta = 25 ℃
23
V
NOTE ( 3 )
DUTY =1/240
Ta = 60 ℃
21.3
V
CLOCK OSCILLATION
FREQUENCY
f FLM
70
75
80
HZ
POWER
VOLTAGE
VCCFL

300
Vrms
SUPPLY FOR
FREQUENCY
f CCFL

30K
HZ
CCFL
CURRENT
IL

5
mA
LIFE TIME
L
IL = 5.0mA
15000
20000
Hrs
* *
θ = 0° WHEN VIEWING DIRECTION IS 6 O’CLOCK .
θ = 180° WHEN VIEWING DIRECTION IS 12 O’CLOCK .
NOTE ( 1 ) :
APPLIED TO TERMINALS M , FLM , CL1 , CL2 , D0〜D3 , DISPOFF .
NOTE ( 2 ) :
THE DISPLAY PATTERN IS ALL ”OFF”/ “ON ” .
NOTE ( 3 ) :
RECOMMENDED LCD DRIVING VOLTAGE MAY FLUCTUATE ABOUT
± 1 . 0V BY EACH MODULE .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com