Electronic Components Datasheet Search
  English  ▼

X  

32F10 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 32F10
Description  EMERGING DISPLAY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

32F10 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 32F10 Datasheet HTML 6Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 7Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 8Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 9Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 10Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 11Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 12Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 13Page - List of Unclassifed Manufacturers 32F10 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E M E R G I N G
D I S P L A Y
MODEL NO
.
VERSION
PAGE
TECHNOLOGIES CORPORATION
32F10(CCFL TYPES)
2
6
6 .
OPTICAL CHARACTERISTICS
Ta = 2 5 ℃
VDD = 5 . 0 V
I T E M
SYMBOL
CONDITION
MIN .
TYP .
MAX.
UNIT
NOTE
VIEWING AREA
STN
∅2 - ∅ 1
K ≧ 2 . 0
40
d e g .
1
FSTN
50
d e g .
1
CONTRAST
STN
K
∅ = 1 0 °
10

1
RATIO
FSTN
θ = * *
20

1
Ta = -10
°C
2149
Ta = 25
°C
228
tr ( rise )
Ta = 60
°C
124
Ta = -10
°C
1709
Ta = 25
°C
191
RESPONSE TIME
tf ( fall )
∅=10°
θ = * *
Ta = 60
°C
96
ms
1
BRIGHTNESS OF
BACKLIGHT
B
3 0 0

cd / m2
2
RISE TIME OF
BACKLIGHT
TC

5
MINUTE
BRIGHTNESS
UNIFORMITY

20
%
3 , 4
* *
θ = 0° WHEN VIEWING DIRECTION IS 6 O’CLOCK .
θ = 180° WHEN VIEWING DIRECTION IS 12 O’CLOCK .
NOTE ( 1 ) :
PLEASE REFER TO :
CUSTOMER
ACCEPTANCE
STANDARD
SPECIFICATIONS. ( EU - 001A )
NOTE ( 2 ) :
POLARIZER MODE : TRANSMISSIVE
NOTE ( 3 ) :
MEASUREMENT OF THE FOLLOWING 9 PLACES ON THE DISPLAY.
DEFINITION OF THE BRIGHTNESS TOLERANCE .
P1
P2
P3
P4
P5
P6
P7
P8
P9
NOTE ( 4 ) :
BRIGHTNESS UNIFORMITY IS DEFINED AS FOLLOWING
(MAXIMUN
BRIGHTNESS
OR
MINIMUN
BRIGHTESS)-AVERAGE
BRIGHTNESS
ΣX=
AVERAGE
BRIGHTNESS
× 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com