Electronic Components Datasheet Search
  English  ▼

X  

MAX30003 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX30003
Description  Ultra-Low Power, Single-Channel Integrated
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30003 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX30003 Datasheet HTML 1Page - Maxim Integrated Products MAX30003 Datasheet HTML 2Page - Maxim Integrated Products MAX30003 Datasheet HTML 3Page - Maxim Integrated Products MAX30003 Datasheet HTML 4Page - Maxim Integrated Products MAX30003 Datasheet HTML 5Page - Maxim Integrated Products MAX30003 Datasheet HTML 6Page - Maxim Integrated Products MAX30003 Datasheet HTML 7Page - Maxim Integrated Products MAX30003 Datasheet HTML 8Page - Maxim Integrated Products MAX30003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
General Description
The MAX30003 is a complete, biopotential, analog front-
end solution for wearable applications. It offers high
performance for clinical and fitness applications, with
ultra-low power for long battery life. The MAX30003 is a
single biopotential channel providing ECG waveforms and
heart rate detection.
The biopotential channel has ESD protection, EMI filtering,
internal lead biasing, DC leads-off detection, ultra-low
power leads-on detection during standby mode, and extensive
calibration voltages for built-in self-test. Soft power-up
sequencing ensures no large transients are injected into
the electrodes. The biopotential channel also has high
input impedance, low noise, high CMRR, programmable
gain, various low-pass and high-pass filter options, and
a high resolution analog-to-digital converter. The
biopotential channel is DC coupled, can handle large
electrode voltage offsets, and has a fast recovery mode
to quickly recover from overdrive conditions, such as
defibrillation and electrosurgery.
The MAX30003 is available in a 28-pin TQFN and
30-bump wafer-level package (WLP), operating over the
0°C to +70°C commercial temperature range.
Applications
● Single-Lead Event Monitors for Arrhythmia Detection
● Single-Lead Wireless Patches for At-Home/
In-Hospital Monitoring
● Chest Band Heart Rate Monitors for Fitness Applications
● Bio Authentication and ECG-On-Demand Applications
Benefits and Features
● Clinical-Grade ECG AFE with High-Resolution Data
Converter
• 15.5 Bits Effective Resolution with 5µVP-P Noise
● Better Dry Starts Due to Much Improved Real World
CMRR and High Input Impedance
• Fully Differential Input Structure with CMRR > 100dB
● Offers Better Common-Mode to Differential Mode
Conversion Due to High Input Impedance
• High Input Impedance > 500MΩ for Extremely Low
Common-to-Differential Mode Conversion
● Minimum Signal Attenuation at the Input During Dry
Start Due to High Electrode Impedance
● High DC Offset Range of ±650mV (1.8V, typ) Allows
to Be Used with Wide Variety of Electrodes
● High AC Dynamic Range of 65mVP-P Will Help the
AFE Not Saturate in the Presence of Motion/Direct
Electrode Hits
● Longer Battery Life Compared to Competing Solutions
• 85µW at 1.1V Supply Voltage
● Leads-On Interrupt Feature Allows to Keep µC in
Deep Sleep Mode with RTC Off Until Valid Lead
Condition is Detected
• Lead-On Detect Current: 0.7µA (typ)
● Built-In Heart Rate Detection with Interrupt Feature
Eliminates the Need to Run HR Algorithm on the
µController
• Robust R-R Detection in High Motion Environment
at Extremely Low Power
● Configurable Interrupts Allows the µC Wake-Up Only on
Every Heart Beat Reducing the Overall System Power
● High Accuracy Allows for More Physiological Data
Extractions
● 32-Word FIFO Allows You to Wake Up µController
Every 256ms with Full ECG Acquisition
● High-Speed SPI Interface
● Shutdown Current of 0.5µA (typ)
Ordering Information appears at end of data sheet.
19-8558; Rev 1; 11/16
MAX30003
Ultra-Low Power, Single-Channel Integrated
Biopotential (ECG, R-to-R Detection) AFE


Similar Part No. - MAX30003

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX30003 MAXIM-MAX30003 Datasheet
620Kb / 6P
MAX30003 Biopotential AFE
Rev 0; 1/18
MAX30003 MAXIM-MAX30003 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CTI+ MAXIM-MAX30003CTI+ Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CTI+T MAXIM-MAX30003CTI+T Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30003CWV+T MAXIM-MAX30003CWV+T Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
More results

Similar Description - MAX30003

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1210 SEMTECH-SX1210 Datasheet
1Mb / 73P
Ultra-Low Power Integrated UHF Receiver
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
Ultra-Low Power Integrated 300-510MHz Transceiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
Ultra-Low Power Integrated UHF Receiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Maxim Integrated Produc...
MAX30001 MAXIM-MAX30001 Datasheet
2Mb / 86P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection)
Rev 1, 9/17
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Maxim Integrated Produc...
MAX30002 MAXIM-MAX30002 Datasheet
949Kb / 44P
Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
19-100289; Rev 0, 3/18
MAX30003 MAXIM-MAX30003_V01 Datasheet
2Mb / 46P
Ultra-Low Power, Single-Channel Integrated Biopotential (ECG, R-to-R Detection) AFE
19-8558; Rev 3; 9/21
MAX30004 MAXIM-MAX30004 Datasheet
3Mb / 39P
Ultra-Low Power, Single-Channel Integrated Biopotential (R-to-R Detection) AFE
19-8732; Rev 0; 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com