Electronic Components Datasheet Search
  English  ▼

X  

MAX30003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX30003
Description  Ultra-Low Power, Single-Channel Integrated
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX30003 Datasheet HTML 1Page - Maxim Integrated Products MAX30003 Datasheet HTML 2Page - Maxim Integrated Products MAX30003 Datasheet HTML 3Page - Maxim Integrated Products MAX30003 Datasheet HTML 4Page - Maxim Integrated Products MAX30003 Datasheet HTML 5Page - Maxim Integrated Products MAX30003 Datasheet HTML 6Page - Maxim Integrated Products MAX30003 Datasheet HTML 7Page - Maxim Integrated Products MAX30003 Datasheet HTML 8Page - Maxim Integrated Products MAX30003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
(VDVDD = VAVDD = +1.1V to +2.0V, VOVDD = +1.65V to +3.6V, fFCLK = 32.768kHz, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at VDVDD = VAVDD = +1.8V, VOVDD = +2.5V, TA = +25°C.) (Note 2)
MAX30003
Ultra-Low Power, Single-Channel Integrated
Biopotential (ECG, R-to-R Detection) AFE
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ECG Channel Total
Harmonic Distortion
THD
VAVDD = +1.80V, VIN = 65mVp-p, FIN = 64Hz,
GCH = 20x, electrode offset = ±300mV
0.025
%
VAVDD = +1.1V, VIN = 30mVp-p, FIN = 64Hz,
GCH = 20x, electrode offset = ±300mV
0.3
ECG Channel Gain Setting
GCH
Programmable, see register map
20 to 160
V/V
ECG Channel Gain Error
VAVDD = +1.8V, GCH = 20x,
ECGP = ECGN = VMID
-2.5
+2.5
%
VAVDD = +1.1V, GCH = 20x,
ECGP = ECGN = VMID
-4.5
+4.5
%
ECG Channel Offset Error
(Note 5)
0.1
% of
FSR
ADC Resolution
18
Bits
ADC Sample Rate
Programmable, see register map
125to512
SPS
CAPP to CAPN Impedance
RHPF
FHP = 1/(2R x RHPF x CHPF), CHPF =
capacitance between CAPP and CAPN
320
450
600
kΩ
Analog High-Pass Filter Slew
Current
Fast recovery enabled (1.8V)
160
µA
Fast recovery enabled (1.1V)
55
Fast recovery disabled
0.09
Fast Settling Recovery Time
CHPF = 10µF, Note: varies by sample rate,
see Table 3.
500
ms
Digital Low-Pass Filter
Linear phase
FIR filter.
DLPF[0:1] = 01
40
Hz
DLPF[0:1] = 10
100
DLPF[0:1] = 11
150
Digital High-Pass Filter
Phase-corrected 1st-order IIR filter. DHPF = 1
0.5
Hz
ECG Power Supply Rejection
PSRR
Lead bias disabled, DC
107
dB
Lead bias disabled, fSW = 64Hz
110
ECG INPUT MUX
DC Lead Off Check
Pullup/
pulldown
DCLOFF_IMAG[2:0] = 001
5
nA
DCLOFF_IMAG[2:0] = 010
10
DCLOFF_IMAG[2:0] = 011
20
DCLOFF_IMAG[2:0] = 100
50
DCLOFF_IMAG[2:0] = 101
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com