Electronic Components Datasheet Search
  English  ▼

X  

MAX30003 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX30003
Description  Ultra-Low Power, Single-Channel Integrated
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30003 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX30003 Datasheet HTML 17Page - Maxim Integrated Products MAX30003 Datasheet HTML 18Page - Maxim Integrated Products MAX30003 Datasheet HTML 19Page - Maxim Integrated Products MAX30003 Datasheet HTML 20Page - Maxim Integrated Products MAX30003 Datasheet HTML 21Page - Maxim Integrated Products MAX30003 Datasheet HTML 22Page - Maxim Integrated Products MAX30003 Datasheet HTML 23Page - Maxim Integrated Products MAX30003 Datasheet HTML 24Page - Maxim Integrated Products MAX30003 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
The latency of the R-to-R value written to the RTOR
Interval Memory Register is the sum of the R-to-R
decimation delay and the R-to-R detection delay blocks.
The R-to-R decimation factor is fixed at 256 and the
decimation delay (tR2R_DEC) is always 3,370 FMSTR
clocks, as shown in Table 6.
The detection circuit consists of several digital filters
and signal processing delays. These depend on the
WNDW[3:0] bits in the CNFG_RTOR (0x1D) register. The
detection delay (tR2R_DET) is described by the following
equation:
tR2R_DET = 5,376 + 256 x WNDW in FMSTR clocks
where WNDW is an integer from 0 to 15 and the total
latency (tR2R_DEL) is the sum of the two delays and
summarized in the equation below:
tR2R_DEL = tR2R_DEC + tR2R_DET = 3,370 + 5,376 +
256 x WNDW in FMSTR clocks where WNDW
is an integer from 0 to 15.
The total R-to-R latency minus the ECG latency is delay of
the R-to-R value relative to the ECG data and can be used
to place the first R-to-R value on the ECG data plot. The
succeeding values in the R-to-R Interval Memory Register
can be used as is to locate subsequent R-to-R values on
the ECG data plot relative to the initial placement.
Reference and Common Mode Buffer
The MAX30003 features internally generated reference
voltages. The bandgap output (VBG) pin requires an
external 1.0µF capacitor to AGND and the reference
output (VREF) pin requires a 10µF external capacitor to
AGND for compensation and noise filtering.
A common-mode buffer is provided to buffer 650mV
which is used to drive common mode voltages for internal
blocks. Use a 10µF external capacitor between VCM to
AGND to provide compensation and noise filtering.
SPI Interface Description
32 Bit Normal Mode Read/Write Sequences
The MAX30003 interface is SPI/QSPI/Micro-wire/DSP
compatible. The operation of the SPI interface is shown
in Figure 1. Data is strobed into the MAX30003 on SCLK
rising edges. The device is programmed and accessed by
a 32 cycle SPI instruction framed by a CSB low interval.
The content of the SPI operation consists of a one byte
command word (comprised of a seven bit address and a
Read/Write mode indicator, i.e., A[6:0] + R/W) followed by
a three-byte data word. The MAX30003 is compatible with
CPOL = 0/CPHA = 0 and CPOL = 1/CPHA = 1 modes of
operation.
Write mode operations will be executed on the 32nd SCLK
rising edge using the first four bytes of data available.
In write mode, any data supplied after the 32nd SCLK
rising edge will be ignored. Subsequent writes require CSB
to de-assert high and then assert low for the next write
command. In order to abort a command sequence, the
rise of CSB must precede the updating (32nd) rising-edge
of SCLK, meeting the tCSA requirement.
Read mode operations will access the requested data
on the 8th SCLK rising edge, and present the MSB of
the requested data on the following SCLK falling edge,
allowing the µC to sample the data MSB on the 9th SCLK
rising edge. Configuration, Status, and FIFO data are all
available via normal mode read back sequences. If more
than 32 SCLK rising edges are provided in a normal read
sequence then the excess edges will be ignored and the
device will read back zeros.
Table 6. R to R Decimation Delay in ms and FMSTR CLK vs. Register Settings,
FCLK = 32.768Hz
MAX30003
Ultra-Low Power, Single-Channel Integrated
Biopotential (ECG, R-to-R Detection) AFE
www.maximintegrated.com
Maxim Integrated │ 21
FMSTR
[1:0]
FMSTR FREQ
IN FCLKs
FMSTR
FREQ (Hz)
DECIMATION
RTOR TIME
RESOLUTION (ms)
DELAY IN R TO R DECIMATION
IN FMSTR CLKs
IN ms
00
FCLK
32,768
256
7.8125
3370
102.844
01
FCLK x 625/640
32,000
256
8.0
3370
105.313
10
FCLK x 625/640
32,000
256
8.0
3370
105.313
11
FCLK x 640/656
31,968.78
256
8.0078
3370
105.415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com