Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 5 Page - Analog Devices

  AD8364 Datasheet HTML 1Page - Analog Devices AD8364 Datasheet HTML 2Page - Analog Devices AD8364 Datasheet HTML 3Page - Analog Devices AD8364 Datasheet HTML 4Page - Analog Devices AD8364 Datasheet HTML 5Page - Analog Devices AD8364 Datasheet HTML 6Page - Analog Devices AD8364 Datasheet HTML 7Page - Analog Devices AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 5 of 44
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
+0.1, −0.4
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
+0.1, −0.4
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
+0.1, −0.4
dB
Deviation from OUTP to OUTN @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
+0.1, −0.4
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
+0.2, −0.2
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
+0.1, −0.2
dB
Deviation from CW Response
5.5 dB peak-to-rms ratio (WCDMA one channel)
0.2
dB
12 dB peak-to-rms ratio (WCDMA three channels)
0.3
dB
18 dB peak-to-rms ratio (WCDMA four channels)
0.3
dB
Input A to Input B Isolation
Baluns = Macom ETC1.6-4-2-3 (both channels)
58
dB
Input A to OUTB Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
33
dB
Input B to OUTA Isolation2
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
33
dB
Input Impedance
INHA/INLA, INHB/INLB differential drive
150||1.9
Ω||pF
Input Return Loss
With recommended balun
−10
dB
MEASUREMENT MODE,
2.5 GHz OPERATION
ADJA = ADJB = 1.14 V, error referred to best fit line using
linear regression @ PINH[A, B] = −40 dBm and −20 dBm,
TA = 25°C, balun = Murata LDB182G4520C-110
± 1 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
69/63
dB
−40°C < TA < +85°C
58
dB
±0.5 dB Dynamic Range1
Pins OUT[A, B], (Channel A/Channel B)
55/50
dB
−40°C < TA < +85°C
25
dB
Maximum Input Level
±1 dB error, (Channel A/Channel B)
17/11
dBm
Minimum Input Level
±1 dB error
−52
dBm
Slope
50
mV/dB
Intercept
−52.7
dBm
Output Voltage—High Power In
Pins OUT[A, B] @ PINH[A, B] = −10 dBm
2.14
V
Output Voltage—Low Power In
Pins OUT[A, B] @ PINH[A, B] = −40 dBm
0.65
V
Temperature Sensitivity
Deviation from OUT[A, B] @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm
±0.5
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm
±0.5
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm
±0.5
dB
Deviation from OUTP to OUTN @ 25°C
−40°C < TA < 85°C; PINH[A, B] = −10 dBm, −25 dBm
±0.3
dB
−40°C < TA < 85°C; PINH[A, B] = −25 dBm, −25 dBm
±0.3
dB
−40°C < TA < 85°C; PINH[A, B] = −40 dBm, −25 dBm
±0.3
dB
Input A to Input B Isolation
Baluns = Macom ETC1.6-4-2-3 (both channels)
54
dB
Input A to OUTB Isolation
PINHB = −50 dBm, OUTB = OUTBPINHB ± 1 dB
31
dB
Input B to OUTA Isolation2
PINHA = −50 dBm, OUTA = OUTAPINHA ± 1 dB
31
Input Impedance
INHA/INLA, INHB/INLB differential drive
150||1.7
Ω||pF
Input Return Loss
With recommended balun
−11.5
dB
OUTPUT INTERFACE
Pin OUTA and OUTB
Voltage Range Min
RL ≥ 200 Ω to ground
0.09
V
Voltage Range Max
RL ≥ 200 Ω to ground
VS − 0.15
V
Source/Sink Current
OUTA and OUTB held at VS/2, to 1% change
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com