Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8364 Datasheet HTML 4Page - Analog Devices AD8364 Datasheet HTML 5Page - Analog Devices AD8364 Datasheet HTML 6Page - Analog Devices AD8364 Datasheet HTML 7Page - Analog Devices AD8364 Datasheet HTML 8Page - Analog Devices AD8364 Datasheet HTML 9Page - Analog Devices AD8364 Datasheet HTML 10Page - Analog Devices AD8364 Datasheet HTML 11Page - Analog Devices AD8364 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 8 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
15
14
13
25
26
27
12
11
10
9
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
VSTA
28
29
30
31
32
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
VPSA
AD8364
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PADDLE ON THE UNDERSIDE
OF THE PACKAGE SHOULD BE SOLDERED TO
A GROUND PLANE WITH LOW THERMAL AND
ELECTRICAL CHARACTERISTICS.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
Equiv. Circuit
1
CHPB
Connect to common via a capacitor to determine 3 dB point of Channel B input signal high-pass
filter.
2, 23
DECB, DECA
Decoupling Terminals for INHA/INLA and INHB/INLB. Connect to common via a large capacitance
to complete input circuit.
Figure 52
3, 22, 29
COMB, COMA, COMR
Input System Common Connection. Connect via low impedance to system common.
4, 5
ADJB, ADJA
Temperature Compensation for Channel B and Channel A. An external voltage is connected to
these pins to improve temperature drift. This voltage can be derived from VREF, that is, connect a
resistor from VREF to ADJ[A, B] and another resistor from ADJ[A, B] to ground. The value of these
resistors change as the frequency changes.
Figure 68
6
VREF
General-Purpose Reference Voltage Output of 2.5 V.
Figure 54
7
VLVL
Reference Level Input for OUTP and OUTN. (Usually connected to VREF through a voltage divider
or left open).
Figure 58
8, 17
CLPB, CLPA
Channel B and Channel A Connection for Loop Filter Integration (Averaging) Capacitor. Connect a
ground-referenced capacitor to this pin. A resistor can be connected in series with this capacitor
to improve loop stability and response time.
9
VSTB
The voltage applied to this pin sets the decibel value of the required RF input voltage to Channel
B, which results in zero current flow in the loop integrating capacitor pin, CLPB.
Figure 56
10
OUTB
Channel B Output of Error Amplifier. In measurement mode, normally connected directly to VSTB.
Figure 57
11
FBKB
Feedback Through 1 kΩ
to the Negative Terminal of the Integrated Op Amp Driving OUTN.
12
OUTN
Channel Differencing Op Amp Output. In measurement mode, normally connected directly to FBKB
and follows the equation OUTN = OUTA − OUTB + VLVL.
Figure 58
13
OUTP
Channel Differencing Op Amp Output. In measurement mode, normally connected directly to FBKA
and follows the equation OUTP = OUTA − OUTB + VLVL.
Figure 58
14
FBKA
Feedback Through 1kΩ
to the Negative Terminal of the Integrated Op Amp Driving OUTP.
15
OUTA
Channel A Output of Error Amplifier. In measurement mode, normally connected directly to VSTA.
Figure 57
16
VSTA
The voltage applied to this pin sets the decibel value of the required RF input voltage to Channel
A that results in zero current flow in the loop integrating capacitor pin, CLPA.
Figure 56
18, 20
ACOM
Analog Common for Channels A and B. Connect via low impedance to common.
21, 25, 32
VPSR, VPSA, VPSB
Supply for the Input System of Channels A and B. Supply for the internal references. Connect to
+5 V power supply.
19
TEMP
Temperature Sensor Output.
Figure 53
24
CHPA
Connect to common via a capacitor to determine 3 dB point of Channel A input signal high-pass
filter.
26, 27
INHA, INLA
Channel A High and Low RF Signal Input Terminal.
Figure 52
28
PWDN
Disable/Enable Control Input. Apply logic high voltage to shut down the AD8364.
Figure 55
30, 31
INLB, INHB
Channel B Low and High RF Signal Input Terminal.
Figure 52
Under
Package
Exposed Paddle
The exposed paddle on the underside of the package must be soldered to a ground plane with
low thermal and electrical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com