Electronic Components Datasheet Search
  English  ▼

X  

AD8364 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8364
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8364 Datasheet HTML 25Page - Analog Devices AD8364 Datasheet HTML 26Page - Analog Devices AD8364 Datasheet HTML 27Page - Analog Devices AD8364 Datasheet HTML 28Page - Analog Devices AD8364 Datasheet HTML 29Page - Analog Devices AD8364 Datasheet HTML 30Page - Analog Devices AD8364 Datasheet HTML 31Page - Analog Devices AD8364 Datasheet HTML 32Page - Analog Devices AD8364 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 29 of 44
GAIN-STABLE TRANSMITTER/RECEIVER
There are many applications for a transmitter or receiver with a
highly accurate temperature-stable gain. For example, a multi-
carrier base station high power amplifier (HPA) using digital
predistortion has a power detector and an auxiliary receiver. The
power detector and all parts associated with it can be removed if
the auxiliary receiver has a highly accurate temperature-stable
gain. With a set gain receiver, the ADC on the auxiliary receiver
can not only determine the overall power being transmitted but can
also determine the power in each carrier for a multicarrier HPA.
In controller mode, the AD8364 can be used to hold the
receiver gain constant over a broad input power/temperature
range. In this application, the difference outputs are used to
hold the receiver gain constant.
The RF input is connected to INPA, using a 19.1 dB coupler,
and the down converted output from our signal chain is connected
to INPB, using a 10.78 dB coupler. A 0.1 µF capacitor is connected
between FBKA and OUTP, forming an integrator. OUTA is
connected to VLVL, forcing OUTP to adjust the VGA so that
OUTB is equal to OUTA. The circuit gain is set by the difference in
the coupling values of the input and output couplers. As noted,
OUTP is used to drive the gain control of the ADL5330 by
adjusting the gain up or down as needed to force the power at
the AD8364 inputs to be equal in amplitude. Since operating at
different frequencies, the appropriate voltages on the ADJ[A, B]
pins must be supplied. Because INPA is operating at 1880 MHz,
ADJA is set to 0.75 V. Likewise, because INPB is operating at
80 MHz, ADJB is set to 0 V.
Because the difference in the coupler values is 8.32 dB, a fixed
gain of −8.32 dB is expected. In practice, there is a gain of −13 dB.
This is caused by the intercept shift of the AD8364 due to the
frequency response, the insertion loss of the output coupler, and
the insertion loss differences of the baluns used on the input of
the AD8364. In this configuration, approximately 33 dB of
control range with 0.5 dB drift over temperature is obtained.
Figure 66 shows a gain-stable receiver amplifier circuit using
the AD8364 to control an ADL5330 VGA and the AD8343
mixer. The input power was swept from +3 dBm to −35 dBm,
the output power was measured, and the gain was calculated at
multiple temperatures between −40°C and +85°C. Note that the
gain changed less than ±0.45 dB over this range (Figure 65).
Most of the gain change was caused by performance differences
at different frequencies.
PIN (dBm)
5
–40
–25
–15
–5
–20
–35
–30
–10
0
–11.0
–11.5
–12.0
–12.5
–13.0
–13.5
–14.0
–40°C
+25°C
+85°C
Figure 65. Performance of Gain-Stable Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com