Electronic Components Datasheet Search
  English  ▼

X  

MAX3521 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3521
Description  Easy Evaluation of the MAX3521
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3521 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3521 Datasheet HTML 1Page - Maxim Integrated Products MAX3521 Datasheet HTML 2Page - Maxim Integrated Products MAX3521 Datasheet HTML 3Page - Maxim Integrated Products MAX3521 Datasheet HTML 4Page - Maxim Integrated Products MAX3521 Datasheet HTML 5Page - Maxim Integrated Products MAX3521 Datasheet HTML 6Page - Maxim Integrated Products MAX3521 Datasheet HTML 7Page - Maxim Integrated Products MAX3521 Datasheet HTML 8Page - Maxim Integrated Products MAX3521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: MAX3521
MAX3521 Evaluation Kit
General Description
The MAX3521 evaluation kit (EV kit) simplifies the testing
and evaluation of the MAX3521 DOCSIS 3.0 upstream
amplifier. The EV kit is fully assembled and tested at the
factory. Standard 50Ω SMA connectors are included on
the EV kit for the inputs and outputs to allow quick and
easy evaluation on the test bench.
This document provides a list of equipment required to
evaluate the device, a straightforward test procedure to
verify functionality, a description of the EV kit circuit, the
circuit schematic, a list of components for the EV kit, and
artwork for each layer of the PCB.
Features
● Easy Evaluation of the MAX3521
● 50Ω SMA Connectors
● All Critical Peripheral Components Included
● Proven PCB Layout
● Fully Assembled and Tested
● PC Control Software
(Available at
www.maximintegrated.com)
19-6774; Rev 1; 6/16
Ordering Information appears at end of data sheet.
*EP = Exposed pad.
DESIGNATION QTY
DESCRIPTION
B1, B2
2
Ferrite beads (0805)
Murata BLM21AG601SN1
B3
1
Ferrite bead 1206,
Murata BLM31PG121SN1
C1–C4, C8
5
0.01µF ±10% ceramic capacitors
(0603)
Murata GRM188R71H103K
C5, C9
2
5.6pF ±0.1pF ceramic capacitors
(0603)
Murata GRM1885C1H5R6B
C6
1
10µF ±10% ceramic capacitor
(0805)
Murata GRM21BR61A106K
C7
1
0.1µF ±10% ceramic capacitor
(0402)
Murata GRM155R71A104K
C10, C11
2
10pF ±5% ceramic capacitors
(0603)
Murata GRM1885C1H100J
JP2
1
20-pin (2 x 10) dual inline header
Sullins PEC36DAAN
DESIGNATION QTY
DESCRIPTION
JP3 (+5V)
1
PC mini red test point
Keystone 5000
JP4 (GND)
1
PC mini black test point
Keystone 5001
R1
1
100kΩ ±5% resistor (0603)
R2, R6
2
100Ω ±1% resistors (0603)
R3
1
43.2Ω ±1% resistor (1206)
R4
1
86.6Ω ±1% resistor (1206)
R5, R7
2
37.4Ω ±1% resistors (0603)
RFIN, RFOUT
2
SMA end-launch jack receptacles
Emerson (Johnson) 142-0701-801
T1
1
1:4 transformer
TOKO 617PT-1664
T2
1
1:2 transformer
TOKO 617PT-2270
U1
1
DOCSIS 3.0 upstream amplifier
(20 TQFN-EP*)
Maxim MAX3521ETP+
—
1
PCB: MAX3521 EVALUATION
KIT#
Component List


Similar Part No. - MAX3521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3521 MAXIM-MAX3521 Datasheet
422Kb / 11P
All Critical Peripheral Components Included
Rev 1; 6/16
MAX3521EVKIT MAXIM-MAX3521EVKIT Datasheet
422Kb / 11P
All Critical Peripheral Components Included
Rev 1; 6/16
More results

Similar Description - MAX3521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX22203EVKIT MAXIM-MAX22203EVKIT Datasheet
1Mb / 10P
Easy Evaluation of the MAX22203
Rev 0; 4/21
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
Easy Evaluation of the MAX33071E
Rev 0; 3/21
MAX33042ESHLD MAXIM-MAX33042ESHLD Datasheet
728Kb / 10P
Easy Evaluation of the MAX33042E
Rev 0; 12/20
MAX14813EVKIT MAXIM-MAX14813EVKIT Datasheet
3Mb / 28P
Easy Evaluation of the MAX14813
2016
MAX2880EVKIT MAXIM-MAX2880EVKIT Datasheet
1Mb / 11P
Easy Evaluation of the MAX2880
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com