Electronic Components Datasheet Search
  English  ▼

X  

MAX3521 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3521
Description  Easy Evaluation of the MAX3521
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3521 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3521 Datasheet HTML 1Page - Maxim Integrated Products MAX3521 Datasheet HTML 2Page - Maxim Integrated Products MAX3521 Datasheet HTML 3Page - Maxim Integrated Products MAX3521 Datasheet HTML 4Page - Maxim Integrated Products MAX3521 Datasheet HTML 5Page - Maxim Integrated Products MAX3521 Datasheet HTML 6Page - Maxim Integrated Products MAX3521 Datasheet HTML 7Page - Maxim Integrated Products MAX3521 Datasheet HTML 8Page - Maxim Integrated Products MAX3521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX3521
MAX3521 Evaluation Kit
Quick Start
Test Equipment Required
●
Power supply capable of supplying at least 750mA
at +5V
●
Power supply capable of supplying at least 5mA at
+3.3V (sets logic level on INTF3000+ interface board)
●
RF signal generator capable of delivering at least
-10dBm of output power at 40MHz frequency
(e.g., HP8482A or equivalent)
●
RF spectrum analyzer capable of covering the
operating frequency range of the device
●
Windows® PC with a spare USB port
●
USB cables
●
50Ω SMA cables
●
(Optional) Multichannel digital oscilloscope
●
(Optional) Network analyzer to measure return loss
●
(Optional) Ammeter to measure supply current
Connections and Setup
This section provides a step-by-step quide to testing the
basic functionality of the EV kit.
Caution: Do not turn on
DC power or RF signal generators until all connections
are completed.
1) Verify that the shunt across jumper JU1 on the
INTF3000+ interface board has been removed.
2) Connect 20-pin header J1 on the INTF3000+ interface
board to 20-pin header JP2 on the EV kit using the
supplied ribbon cable.
Note: Pin 1 of the interface
cable corresponds to the red wire. Pin 1 is designated
in the silkscreen on each of the PCBs.
3) With its output disabled, set the DC power supply to
+5V. Connect the power supply to the +5V (through
an ammeter if desired) and GND terminals on the EV
kit. If available, set the current limit to 650mA.
4) With its output disabled, set the other DC power-
supply voltage to +3.3V. Connect the power supply
to the VPULL and GND terminals on the INTF3000+
interface board.
5) With its output disabled, set the RF signal generator
to a 40MHz frequency and a -20dBm power level.
Connect the output of the RF signal generator to the
SMA connector labeled RFIN on the evaluation board.
6) Install and run the MAX3521 EV kit software, available
for download
HERE.
7) Turn on the +3.3V power supply, followed by the
+5V power supply. The supply current from the +5V
supply should read approximately 5mA. Be sure to
adjust the power supply to account for any voltage
drop across the ammeter.
8) Load the default register settings from the control
software by clicking on the
Defaults button.
9) Connect the SMA connector labeled RFOUT on the
evaluation board to a spectrum analyzer or to an
oscilloscope. Set TXEN = 1. The supply current from
the +5V supply should read approximately 475mA.
10) Enable the RF signal generator’s output. Check the
output level on the spectrum analyzer or oscilloscope.
Expected power level is about +12.3dBm under
default setting
11) Set the gain code using the control software.
Check the output level on the spectrum analyzer or
oscilloscope.
Note: Indicate that you are using the MAX3521 when contacting these component suppliers.
Windows is a registered trademark and registered service mark
of Microsoft Corporation.
SUPPLIER
PHONE
WEBSITE
Emerson Network Power
507-833-8822
www.emersonnetworkpower.com
Keystone Electronics Corp.
800-221-5510
www.keyelco.com
Murata Americas
800-241-6574
www.murataamericas.com
Sullins Electronics Corp.
760-545-6700
www.sullinselectronics.com
TOKO America, Inc.
847-297-0070
www.tokoam.com
Component Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com