Electronic Components Datasheet Search
  English  ▼

X  

HCPL-050L Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-050L
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-050L Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-050L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Solder Reflow Temperature Profile
Regulatory Information
The devices contained in this
data sheet have been approved by
the following organizations:
UL
Approval under UL 1577,
Component Recognition
Program, File E55361.
CSA
Approval under CSA Component
Acceptance
Notice #5, File CA 88324.
IEC/EN/DINEN60747-5-2
Approved under :
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com