Electronic Components Datasheet Search
  English  ▼

X  

HCPL-050L Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-050L
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-050L Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-050L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-250L #XXXX
060 = IEC/EN/DIN EN 60747-5-2 VIORM
500 = Tape and Reel Packaging Option
XXXE = Lead Free Option
Option data sheets available. Contact Agilent sales representative or
authorized distributor for information.
Schematic
standard dual-in-line package.
The lead profile is designed to be
compatible with standard surface
mount processes.
These optocouplers can be used
in LVTTL/LVCMOS or wide
bandwidth analog applications.
The common mode transient
immunity of 1000 V/
µs minimum
to typical at VCM = 10 V
guaranteed for these
optocouplers.
8-Pin DIP
SO-8 Package
HCPL-250L
HCPL-050L
HCPL-253L
HCPL-053L
IF1
SHIELD
8
7
VCC
+
2
VO1
ICC
VF1
I O1
1
–
IF2
6
5
GND
–
4
VO2
VF2
I O2
3
+
IF
SHIELD
8
6
5
GND
VCC
2
3
VO
ICC
VF
IO
ANODE
CATHODE
+
–
7
VB
IB
*
HCPL-250L/HCPL-050L
HCPL-253L/HCPL-053L
Remarks: The notation “#” is used for existing products, while (new)
products launched since 15th July 2001 and lead free option will use “-”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com