Electronic Components Datasheet Search
  English  ▼

X  

HCPL-050L Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-050L
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-050L Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-050L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-050L Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–55
100
°C
–55
85
Average Forward Input Current
IF(AVG)
25
mA
1
Peak Forward Input Current
IF(PEAK)
2
(50% duty cycle, 1 ms pulse width)
50
mA
(50% duty cycle, 1 ms pulse width)
40
Peak Transient Input Current
IF(TRANS)
1A
(
≤ 1 µs pulse width, 300 pps)
0.1
Reverse LED Input Voltage (Pin 3-2)
VR
5V
Input Power Dissipation
PIN
45
mW
3
4
Average Output Current (Pin 6)
IO(AVG)
8mA
Peak Output Current
IO(PEAK)
16
mA
Emitter-Base Reverse Voltage
VEBR
5V
Supply Voltage (Pin 8-5)
VCC
–0.5
7
V
Output Voltage (Pin 6-5)
VO
–0.5
7
V
Base Current
IB
5mA
Output Power Dissipation
PO
100
mW
4
Lead Solder Temperature
(Through Hole Parts Only)
1.6 mm below seating plane, 10 sec.
TLS
260
°C
up to seating plane, 10 seconds
260
°C
Reflow Temperature Profile
TRP
See Package Outline Drawings
section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
2.7
3.6
V
Forward Input Current
IF(ON)
16
20
mA
Forward Input Voltage
VF(OFF)
00.8
V
Operating Temperature
TA
085
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com