Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # HD6432147SW
Description  HARDWARE MANUAL
PDF  1140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 771Page - Renesas Technology Corp HD6432147SW Datasheet HTML 772Page - Renesas Technology Corp HD6432147SW Datasheet HTML 773Page - Renesas Technology Corp HD6432147SW Datasheet HTML 774Page - Renesas Technology Corp HD6432147SW Datasheet HTML 775Page - Renesas Technology Corp HD6432147SW Datasheet HTML 776Page - Renesas Technology Corp HD6432147SW Datasheet HTML 777Page - Renesas Technology Corp HD6432147SW Datasheet HTML 778Page - Renesas Technology Corp HD6432147SW Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 1140 page
background image
23.
 ROM
742
表 23.15 メモリ読み出しモード時の AC 特性(2)
(条件:V
CC=3.3V±0.3V 、VSS=0V、Ta=25℃±5℃)
項 目
記 号
MIN
MAX
単 位
アクセス時間
t
acc
―
20
μ s
CE 出力遅延時間
t
ce
―
150
ns
OE 出力遅延時間
t
oe
―
150
ns
出力ディスエーブル遅延時間
t
df
―
100
ns
データ出力ホールド時間
t
oh
5
―
ns
CE
FA17
∼FA0
FO7
∼FO0
VIL
VIL
VIH
OE
WE
tacc
toh
toh
tacc
ADDRESS STABLE
ADDRESS STABLE
DATA
DATA
図 23.18 CE、OE イネーブル状態リード時のタイミング波形
CE
FA17
∼FA0
FO7
∼FO0
VIH
OE
WE
tce
tacc
toe
toh
toh
tdf
tce
tacc
toe
ADDRESS STABLE
ADDRESS STABLE
DATA
DATA
tdf
図 23.19 CE、OE クロック方式リード時のタイミング波形



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com