Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 828 Page - Renesas Technology Corp

Part # HD6432147SW
Description  HARDWARE MANUAL
PDF  1140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 828 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 824Page - Renesas Technology Corp HD6432147SW Datasheet HTML 825Page - Renesas Technology Corp HD6432147SW Datasheet HTML 826Page - Renesas Technology Corp HD6432147SW Datasheet HTML 827Page - Renesas Technology Corp HD6432147SW Datasheet HTML 828Page - Renesas Technology Corp HD6432147SW Datasheet HTML 829Page - Renesas Technology Corp HD6432147SW Datasheet HTML 830Page - Renesas Technology Corp HD6432147SW Datasheet HTML 831Page - Renesas Technology Corp HD6432147SW Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1140 page
background image
26.
 電気的特性
795
表 26.1 電源電圧と動作範囲(5)(マスク ROM 品)
製品名/電源
5V
版
4V
版
3V
版
HD6432142
2MHz
20MHz
fop
5.5V
Vcc
4.5V
2MHz
16MHz
fop
5.5V
Vcc
4.0V
5.5V
2.7V
Vcc
2MHz
10MHz
fop
VCC1
端子
VCC2
端子
V
CC=5.0V ±10%
V
CC=4.0V ∼5.5V
V
CC=2.7V ∼5.5V
AVCC
端子
AV
CC=5.0V ±10%
AV
CC=4.0V ∼5.5V
AV
CC=2.7V ∼5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com