| Electronic Components Datasheet Search |
|
HD66731A01TB0L Datasheet(PDF) 65 Page - Hitachi Semiconductor |
|
|
|||||||||||||||||||||||||||||
HD66731A01TB0L Datasheet(HTML) 65 Page - Hitachi Semiconductor |
|
65 / 131 page ![]() HD66730/HD66731 64 Relationship between SEGRAM Addresses and Display Patterns SEGRAM data is displayed when the select level of the COMS pin is output. Since SEGRAM data does not depend on character code data in DDRAM, and does not undergo horizontal smooth scroll, it can be used to display icon and marks. The following shows the relationship between SEGRAM addresses and segment output pins. Table 8 Relationship between SEGRAM Addresses and Display Patterns B1 B0 SEG1 SEG7 B1 B0 SEG13 B1 B0 SEG19 B1 B0 SEG25 B1 B0 SEG31 B1 B0 SEG37 B1 B0 SEG43 B1 B0 0 0 0 1 0 0 0 1 0 1 1 0 0 0 1 1 0 1 0 1 1 1 1 1 A0 A1 A2 D7 D6 D5 SEGRAM Address SEGRAM Data Blinking control Pattern on/off 0 0 0 0 0 0 0 0 A3 SEG61 B1 B0 SEG67 B1 B0 SEG73 B1 B0 SEG79 B1 B0 SEG85 B1 B0 SEG91 B1 B0 0 0 0 1 0 0 0 1 0 1 1 0 0 0 1 1 0 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 SEG49 B1 B0 SEG55 SEG2 SEG8 SEG14 SEG20 SEG26 SEG32 SEG38 SEG44 D4 SEG62 SEG68 SEG74 SEG80 SEG86 SEG92 SEG50 SEG56 SEG3 SEG9 SEG15 SEG21 SEG27 SEG33 SEG39 SEG45 D3 SEG63 SEG69 SEG75 SEG81 SEG87 SEG93 SEG51 SEG57 SEG4 SEG10 SEG16 SEG22 SEG28 SEG34 SEG40 SEG46 D2 SEG64 SEG70 SEG76 SEG82 SEG88 SEG94 SEG52 SEG58 SEG5 SEG11 SEG17 SEG23 SEG29 SEG35 SEG41 SEG47 D1 SEG65 SEG71 SEG77 SEG83 SEG89 SEG95 SEG53 SEG59 SEG6 SEG12 SEG18 SEG24 SEG30 SEG36 SEG42 SEG48 D0 SEG66 SEG72 SEG78 SEG84 SEG90 SEG96 SEG54 SEG60 B1 B0 Notes: 1. SEG1 to SEG71 are pin numbers of the segment output driver of the HD66730. Pin SEG1 is positioned on the left edge of the display. Segments from SEG72 on are displayed by extension drivers. After SEG 96, display is performed from SEG1 again. 2. The lower six bits (D0 to D5) indicate display on/off for of each segment. A bit setting of 1 selects display while 0 selects no display. 3. Pattern blinking of the lower six bits is controlled by the upper two bits (D6 and D7) of SEGRAM data. When the upper two bits (B0 and B1) are 10, segments whose corresponding bits in the lower 6 bits are set to 1 will blink on the display. When the upper two bits (B0 and B1) are 01, only the bit-5 pattern can blink. Do not attempt to set the upper two bits (B0 and B1) to 11 (setting is prohibited). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |