Electronic Components Datasheet Search
  English  ▼

X  

HD66731A01TB0L Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HD66731A01TB0L
Description  Dot-Matrix Liquid Crystal Display Controller/Driver Supporting Japanese Kanji, Korean Font Display
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66731A01TB0L Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HD66731A01TB0L Datasheet HTML 9Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 10Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 11Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 12Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 13Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 14Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 15Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 16Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 131 page
background image
HD66730/HD66731
13
Table 1
Pin Functional Description (cont. HD66730)
Signal
Number
of Pins
I/O
Device
Interfaced with
Function
CL1
1
O
Extension driver
Outputs the latch pulse of segment extension
driver.Cam also be used as a shift clock of common
extention driver. Exters tristate when both EXT1 and
EXT2 are 0.
CL2
1
O
Extension driver
Outputs shift clock of segment extension driver. Can
also be used as a common extension driver latch clock.
Enters tristate when both EXT1 and EXT2 are 0.
SEGD
1
O
Extension driver
Outputs data of extension driver. Data after the 72nd
dot is output. Enters tristate when EXT1 bit is 0.
M
1
O
Extension driver
Acts as an alternating current signal of extension driver.
Enters tristate when both EXT1 and EXT2 bits are 0.
V1 to V5
5
—
Power supply
Power supply for LCD drive
V
CC – V5 = 15V (max)
V
CC/GND
2
—
Power supply
V
CC: +2.4V to +5.5V, GND: 0V
OSC1/
OSC2
2
—
Oscillation
resistor/
clock
When crystal oscillation is performed, an external
resistor must be connected. When the pin input is an
external clock, it must be input to OSC1.
Vci
1
I
—
Inputs voltage to the booster to generate the liquid
crystal display drive voltage.
Vci is reference voltage and power supply for the
booster.
Vci: 1.0V to 5.0V
≤ V
CC.
V5OUT2
1
O
V5 pin/
booster
capacitor
Voltage input to the Vci pin is boosted twice and output.
When the voltage is boosted three times, a capacitor
with the same capacitance as that of C1–C2 should be
connected here.
V5OUT3
1
O
V5 pin
Voltage input to the Vci pin is boosted three times and
output.
C1/C2
2
—
Booster capacitor External capacitor should be connected here when
using the booster.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com