Electronic Components Datasheet Search
  English  ▼

X  

HD66731A01TB0L Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD66731A01TB0L
Description  Dot-Matrix Liquid Crystal Display Controller/Driver Supporting Japanese Kanji, Korean Font Display
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66731A01TB0L Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD66731A01TB0L Datasheet HTML 1Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 2Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 3Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 4Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 5Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 6Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 7Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 8Page - Hitachi Semiconductor HD66731A01TB0L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 131 page
background image
HD66730/HD66731
2
• Various display control functions: horizontal smooth scroll (in dot units), vertical smooth scroll, white
black inversion/blinking/white black inversion blinking character display, cursor display, display on/off
• Display data RAM: 40 × 2 bytes (stores codes to support 40 characters in a full-size font)
• Character generator RAM: 8 × 26 bytes (displays 8 characters of a 12 × 13 dot user font)
• 16-byte 96-segment RAM
• Three-line clock synchronous serial bus, 8-bit bus interface
• Built-in double/triple liquid-crystal voltage booster circuit and built-in oscillator (operating frequency
can be adjusted through external resistors)
• Operating power supply voltage: 2.4V to 5.5V; liquid crystal display voltage: 3.0V to 13.0V
• HD66730: QFP 1420-128 (0.5 mm pitch), bare-chip
• HD66731: TCP-171 (straight), TCP-206 (bent), chip with bump
List 1 Programmable Duty Cycles
Duty Drive
Number of Display Characters in Full-Size Font
Number of Segments/Marks
Setting
HD66730
HD66731
HD66730
HD66731
1/14
One 6-character
One 10-character
71pcs
96pcs
1/27
Two 6-character
Two 10-character
71pcs
96pcs
1/40
—
Three 10-characters
—
96pcs
1/53
—
Four 10-characters
—
96pcs
Ordering Information
Type No.
Package
Number of Display
character
CGROM
HD66730A00FS
FP-128
Two 6-characters
JIS Level-1 Kanji (A00)
HCD66730A00
Bare chip
Two 6-characters
HD66731A00TA0L
Straight TCP
Three 8-characters
HD66731A00TB0L
Bending TCP
Four 10-characters
HCD66731A00BP
Au-bumped chip
Four 10-characters
HD66730A01FS
FP-128
Two 6-characters
Korean font (A01)
HCD66730A01
Bare chip
Two 6-characters
HD66731A01TA0L
Straight TCP
Three 8-characters
HD66731A01TB0L
Bending TCP
Four 10-characters
HCD66731A01BP
Au-bumped chip
Four 10-characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com